Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z201L250R00QB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Z201L250R00QB
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z201L250R00QB Datasheet(HTML) 2 Page - Vishay Siliconix

  Z201L250R00QB Datasheet HTML 1Page - Vishay Siliconix Z201L250R00QB Datasheet HTML 2Page - Vishay Siliconix Z201L250R00QB Datasheet HTML 3Page - Vishay Siliconix Z201L250R00QB Datasheet HTML 4Page - Vishay Siliconix Z201L250R00QB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63113
2
Revision: 19-Apr-07
Z201 (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Resistor with TCR of
± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance
of ± 0.005 % and Load Life Stability of ± 0.005 %
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Note: Foil shown in black, etched spaces in white
Current Path
After Trimming
Interloop Capacitance
Reduction in Series
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
* The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit
after all soldering processes.
LS
W
L
H
ST
SW
LL
Z 201
Inches
0.150 ± 0.005
0.105 ± 0.010
2.67 ± 0.25
0.300 ± 0.010
7.62 ± 0.25
0.326 ± 0.010
8.28 ± 0.25
0.010 min
0.254 min
0.035 ± 0.01
1.02 ± 0.13
1.000 ± 0.125
25.4 ± 3.18
mm
3.81 ± 0.13
Z 201 L
Inches
0.200 ± 0.005
mm
5.08 ± 0.13
TABLE 2 - Z201 SPECIFICATIONS
Stability
Load Life at 2000 hours
± 0.005 % Max
ΔR at 0.1 W/+ 70 °C
± 0.015 % Max
ΔR at 0.3 W/+ 125 °C
Load Life at 10 000 hours
± 0.01 % Max
ΔR at 0.05 W/+ 125 °C
± 0.05 % Max
ΔR at 0.3 W/+ 125 °C
LS
Model Name
VISHAY
XXXX
Z201
ST
*
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01%
LL
SW
16
Week
07
Year


Similar Part No. - Z201L250R00QB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201 Datasheet
160Kb / 1P
   Ultra-Performance Aerospace and Instrumentation Resistor
Revision 09-Oct-02
logo
List of Unclassifed Man...
Z2010U ETC2-Z2010U Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
Z201100R010.005 VISHAY-Z201100R010.005 Datasheet
160Kb / 1P
   Ultra-Performance Aerospace and Instrumentation Resistor
Revision 09-Oct-02
Z201100R010.01 VISHAY-Z201100R010.01 Datasheet
160Kb / 1P
   Ultra-Performance Aerospace and Instrumentation Resistor
Revision 09-Oct-02
Z20115K2310.005 VISHAY-Z20115K2310.005 Datasheet
160Kb / 1P
   Ultra-Performance Aerospace and Instrumentation Resistor
Revision 09-Oct-02
More results

Similar Description - Z201L250R00QB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com