Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16RIA10S90 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 16RIA10S90
Description  Medium Power Thyristors (Stud Version), 16 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

16RIA10S90 Datasheet(HTML) 1 Page - Vishay Siliconix

  16RIA10S90 Datasheet HTML 1Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 2Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 3Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 4Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 5Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 6Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 7Page - Vishay Siliconix 16RIA10S90 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93695
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 19-Sep-08
1
Medium Power Thyristors
(Stud Version), 16 A
16RIA Series
Vishay High Power Products
FEATURES
• Improved glass passivation for high reliability
and exceptional stability at high temperature
• High dI/dt and dV/dt capabilities
• Standard package
• Low thermal resistance
• Metric threads version available
• Types up to 1200 V VDRM/VRRM
• RoHS compliant
• Designed and qualified for industrial and consumer level
TYPICAL APPLICATIONS
• Medium power switching
• Phase control applications
• Can be supplied to meet stringent military, aerospace and
other high reliability requirements
PRODUCT SUMMARY
IT(AV)
16 A
TO-208AA (TO-48)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
16
A
TC
85
°C
IT(RMS)
35
A
ITSM
50 Hz
340
A
60 Hz
360
I2t
50 Hz
574
A2s
60 Hz
524
VDRM/VRRM
100 to 1200
V
tq
Typical
110
µs
TJ
- 65 to 125
°C


Similar Part No. - 16RIA10S90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16RIA10S90 IRF-16RIA10S90 Datasheet
226Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 16RIA10S90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com