Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4KE200A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Z4KE200A
Description  Glass Passivated Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Z4KE200A Datasheet(HTML) 2 Page - Vishay Siliconix

  Z4KE200A Datasheet HTML 1Page - Vishay Siliconix Z4KE200A Datasheet HTML 2Page - Vishay Siliconix Z4KE200A Datasheet HTML 3Page - Vishay Siliconix Z4KE200A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Z4KE100 thru Z4KE200A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88408
Revision: 22-Oct-08
2
Notes:
(1) Standard voltage tolerance is ± 10 %, suffix “A” is ± 5 %
(2) Maximum power dissipation is 1.5 W at TL = 75 °C with lead length 0.375" (9.5 mm)
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Z4KE140
126
154
5.0
900
0.25
5000
100
0.5
100
1.0
10.7
Z4KE140A
133
147
5.0
900
0.25
5500
106.4
0.5
100
1.0
10.7
Z4KE150
135
165
5.0
1000
0.25
6000
108.0
0.5
100
1.0
10.0
Z4KE150A
142
158
5.0
1000
0.25
6000
113.6
0.5
100
1.0
10.0
Z4KE160
144
176
5.0
1100
0.25
6500
115.2
0.5
100
1.0
9.0
Z4KE160A
152
168
5.0
1100
0.25
6500
121.6
0.5
100
1.0
9.0
Z4KE170
153
187
5.0
1200
0.25
7000
122.4
0.5
100
1.0
8.8
Z4KE170A
162
179
5.0
1200
0.25
7000
129.6
0.5
100
1.0
8.0
Z4KE180
162
198
5.0
1300
0.25
7000
129.6
0.5
100
1.0
8.0
Z4KE180A
171
189
5.0
1300
0.25
7000
136.8
0.5
100
1.0
8.0
Z4KE190
171
209
5.0
1400
0.25
7500
136.8
0.5
100
1.0
7.9
Z4KE190A
180
200
5.0
1400
0.25
7500
144.0
0.5
100
1.0
7.9
Z4KE200
180
220
5.0
1500
0.25
8000
144.0
0.5
100
1.0
7.0
Z4KE200A
190
210
5.0
1500
0.25
8000
152.0
0.5
100
1.0
7.0
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE
ZENER
VOLTAGE
AT
5.0 mA
MAXIMUM
ZENER
DYNAMIC
IMPEDANCE
MAXIMUM
DC REVERSE
LEAKAGE CURRENT
AT VR
MAXIMUM
INSTANTANEOUS
FORWARD
VOLTAGE AT
0.50 A
MAXIMUM
CONTINUOUS
REGULATOR
CURRENT (2)
VZ (V)
IZT
ZZT
IZK
ZZK
VR
IR
AT 25 °C
IR
AT 100 °C
VFM
IZM
MIN.
MAX.
(mA)
(
Ω)(mA)(Ω)
(V)
(µA)
(µA)
(V)
(mA)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
Z4KE100-E3/54
0.350
54
5500
13" diameter paper tape and reel
Z4KE100HE3/54 (1)
0.350
54
5500
13" diameter paper tape and reel
Figure 1. Power Derating Curve
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
1.500
1.125
0.750
0.375
0
25
50
75
100
125
150
175
L = 0.375" (9.5 mm)
Lead Lengths
Figure 2. Typical Zener Impedance
0.5
10
100
10
100
1000
10 000
1
V
Z = 200 V
V
Z = 180 V
V
Z = 150 V
V
Z = 100 V
TL - Lead Temperature (°C)
T
J = 25 °C
I
Z(rms) = 0.1 IZ(DC)


Similar Part No. - Z4KE200A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
Z4KE200A GE-Z4KE200A Datasheet
41Kb / 2P
   GLASS PASSIVATED ZENER
logo
Vishay Siliconix
Z4KE200A VISHAY-Z4KE200A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
Z4KE200A VISHAY-Z4KE200A Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
More results

Similar Description - Z4KE200A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
ZGL41-100A VISHAY-ZGL41-100A Datasheet
95Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 29-May-12
ZGL41-100 VISHAY-ZGL41-100 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 20-Oct-08
ZGL41-100A VISHAY-ZGL41-100A_V01 Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com