Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ150S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 20CTQ150S
Description  Schottky Rectifier, 2 x 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTQ150S Datasheet(HTML) 1 Page - Vishay Siliconix

  20CTQ150S Datasheet HTML 1Page - Vishay Siliconix 20CTQ150S Datasheet HTML 2Page - Vishay Siliconix 20CTQ150S Datasheet HTML 3Page - Vishay Siliconix 20CTQ150S Datasheet HTML 4Page - Vishay Siliconix 20CTQ150S Datasheet HTML 5Page - Vishay Siliconix 20CTQ150S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93953
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Aug-08
1
Schottky Rectifier, 2 x 10 A
20CTQ150S, 20CTQ150-1
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap configuration
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed for industrial level
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 175 °C junction
temperature. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 10 A
VR
150 V
20CTQ150S
D2PAK
TO-262
20CTQ150-1
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
Base
common
cathode
Anode
Anode
Common
cathode
1
3
2
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
20
A
VRRM
150
V
IFSM
tp = 5 µs sine
1030
A
VF
10 Apk, TJ = 125 °C (per leg)
0.66
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
20CTQ150S
20CTQ150-1
UNITS
Maximum DC reverse voltage
VR
150
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 154 °C, rectangular waveform
10
A
per device
20
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
1030
10 ms sine or 6 ms rect. pulse
180
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 0.7 A, L = 10 mH
2.45
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.7
A


Similar Part No. - 20CTQ150S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CTQ150S IRF-20CTQ150S Datasheet
303Kb / 8P
   SCHOTTKY RECTIFIER
20CTQ150S IRF-20CTQ150S Datasheet
342Kb / 8P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
20CTQ150S ISC-20CTQ150S Datasheet
283Kb / 2P
   Schottky Rectifier
logo
International Rectifier
20CTQ150SPBF IRF-20CTQ150SPBF Datasheet
303Kb / 8P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
20CTQ150SPBF VISHAY-20CTQ150SPBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 11-Aug-08
More results

Similar Description - 20CTQ150S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com