Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31DQ09 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 31DQ09
Description  Schottky Rectifier, 3.3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

31DQ09 Datasheet(HTML) 2 Page - Vishay Siliconix

  31DQ09 Datasheet HTML 1Page - Vishay Siliconix 31DQ09 Datasheet HTML 2Page - Vishay Siliconix 31DQ09 Datasheet HTML 3Page - Vishay Siliconix 31DQ09 Datasheet HTML 4Page - Vishay Siliconix 31DQ09 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93321
2
Revision: 06-Nov-08
31DQ09, 31DQ10
Vishay High Power Products Schottky Rectifier, 3.3 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
3 A
TJ = 25 °C
0.85
V
6 A
0.97
3 A
TJ = 125 °C
0.69
6 A
0.80
Maximum reverse leakage current
See fig. 4
IRM (1)
TJ = 25 °C
VR = Rated VR
1
mA
TJ = 125 °C
3
Typical junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
110
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
9.0
nH
Maximum voltage rate of charge
dV/dt
Rated VR
10 000
V/µs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
Without cooling fin
80
°C/W
Typical thermal resistance,
junction to lead
RthJL
DC operation
15
Approximate weight
1.2
g
0.042
oz.
Marking device
Case style C-16
31DQ09
31DQ10
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - 31DQ09

ManufacturerPart #DatasheetDescription
logo
International Rectifier
31DQ09 IRF-31DQ09 Datasheet
83Kb / 5P
   SCHOTTKY RECTIFIER
logo
Nihon Inter Electronics...
31DQ09 NIEC-31DQ09 Datasheet
54Kb / 6P
   Low Forward Voltage drop Diode
logo
SynSemi, Inc.
31DQ09 SYNSEMI-31DQ09 Datasheet
30Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
EIC discrete Semiconduc...
31DQ09 EIC-31DQ09 Datasheet
35Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
31DQ09 NJSEMI-31DQ09 Datasheet
142Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 31DQ09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09G VISHAY-31DQ09G_12 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
31DQ05 VISHAY-31DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09G VISHAY-31DQ09G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ05 VISHAY-VS-31DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com