Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XT9SNLARR100M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT9SNLARR100M
Description  Low Profile Holder Type Crystal Units
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT9SNLARR100M Datasheet(HTML) 1 Page - Vishay Siliconix

  XT9SNLARR100M Datasheet HTML 1Page - Vishay Siliconix XT9SNLARR100M Datasheet HTML 2Page - Vishay Siliconix XT9SNLARR100M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35014
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 18-Oct-07
11
Low Profile Holder Type Crystal Units
XT49S
Vishay Dale
This part is a miniature AT cut strip crystal unit with a low
profile package. It is with resistance weld.
FEATURES
• Low cost
• Industry standard
• Wide frequency range
• Excellent aging
• 100 % Lead (Pb)-free and RoHS compliant
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
FO
MHz
3.200
66.000
Frequency Tolerance
ΔF/F
O
at 25 °C
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25 °C
ppm
± 10
± 30
± 50
Operating Temperature Range
TOPR
°C
- 20
+ 70
Storing Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
CO
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100 VDC
M
Ω
500
Drive Level
DL
µW
100
500
Aging (first year)
Fa
at 25 °C, per year
ppm
- 5.0
+ 5.0
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)
MODE
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)MODE
3.200 to 4.499
150
Fundamental/AT
9.000 to 9.999
60
Fundamental/AT
4.500 to 5.999
120
Fundamental/AT
10.000 to 12.999
50
Fundamental/AT
6.000 to 6.999
100
Fundamental/AT
13.000 to 30.000
40
Fundamental/AT
7.000 to 7.999
90
Fundamental/AT
30.000 to 66.000
80
3rd Overtone
8.000 to 8.999
80
Fundamental/AT
0.403 [10.24] Max
0.192 0.008 [4.88 ± 0.2]
0.435 [11.0] Max
0.183
[4.65] Max
0.500
[12.7] Min
0.146 [3.70] Max
Ø 0.017 ± 0.002 [0.43 ± 0.05]
0.138
[3.5] Max
ORDERING INFORMATION
XT49S
MODEL
R
OTR
Blank = Standard
R = - 40 °C to + 85 °C
- 20
LOAD
Blank = Series
- 16 = 16 pF
- 20 = 20 pF Standard
- 30 = 30 pF
- 32 = 32 pF
SP
OPTIONS
Blank = Standard
SP = Spacer
SL = Sleeve
12 M
FREQUENCY/MHz
e2
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
LOAD
PACKAGE
OPTIONS
FREQUENCY
CODE
X
T
9
X
X
S
2
0
A
N
A
1
2
M
RoHS
COMPLIANT


Similar Part No. - XT9SNLARR100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT9SNLARR100M VISHAY-XT9SNLARR100M Datasheet
76Kb / 3P
   Quartz Crystals
01-Jan-2022
More results

Similar Description - XT9SNLARR100M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
   Low Profile Holder Type Crystal Units
logo
Vishay Siliconix
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 19-Mar-10
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 18-Oct-07
XT49S VISHAY-XT49S_V01 Datasheet
78Kb / 3P
   Low Profile Holder Type Crystal Units
01-Jan-2022
XT49S VISHAY-XT49S Datasheet
97Kb / 1P
   Low Profile Holder Type Crystal Units
Revision: 25-Aug-05
XT49S VISHAY-XT49S_10 Datasheet
72Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 19-Mar-10
logo
RSG Electronic Componen...
HC-49S RSG-HC-49S Datasheet
162Kb / 1P
   LOW PROFILE HOLDER TYPE CRYSTAL UNITS
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
   RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
logo
Vishay Siliconix
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 19-Mar-10
XT49M VISHAY-XT49M_V01 Datasheet
113Kb / 3P
   Low Profile SMD Type Crystal Units
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com