Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1454250R000T0L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y1454250R000T0L
Description  Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1454250R000T0L Datasheet(HTML) 2 Page - Vishay Siliconix

  Y1454250R000T0L Datasheet HTML 1Page - Vishay Siliconix Y1454250R000T0L Datasheet HTML 2Page - Vishay Siliconix Y1454250R000T0L Datasheet HTML 3Page - Vishay Siliconix Y1454250R000T0L Datasheet HTML 4Page - Vishay Siliconix Y1454250R000T0L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63113
2
Revision: 19-Apr-07
Z201 (Z-Foil)
Vishay Foil Resistors
Ultra High Precision Z-Foil Resistor with TCR of
± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance
of ± 0.005 % and Load Life Stability of ± 0.005 %
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Note: Foil shown in black, etched spaces in white
Current Path
After Trimming
Interloop Capacitance
Reduction in Series
FIGURE 3 - TYPICAL TCR CURVE Z-FOIL
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
FIGURE 4 - STANDARD IMPRINTING AND DIMENSIONS
* The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit
after all soldering processes.
LS
W
L
H
ST
SW
LL
Z 201
Inches
0.150 ± 0.005
0.105 ± 0.010
2.67 ± 0.25
0.300 ± 0.010
7.62 ± 0.25
0.326 ± 0.010
8.28 ± 0.25
0.010 min
0.254 min
0.035 ± 0.01
1.02 ± 0.13
1.000 ± 0.125
25.4 ± 3.18
mm
3.81 ± 0.13
Z 201 L
Inches
0.200 ± 0.005
mm
5.08 ± 0.13
TABLE 2 - Z201 SPECIFICATIONS
Stability
Load Life at 2000 hours
± 0.005 % Max
ΔR at 0.1 W/+ 70 °C
± 0.015 % Max
ΔR at 0.3 W/+ 125 °C
Load Life at 10 000 hours
± 0.01 % Max
ΔR at 0.05 W/+ 125 °C
± 0.05 % Max
ΔR at 0.3 W/+ 125 °C
LS
Model Name
VISHAY
XXXX
Z201
ST
*
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01%
LL
SW
16
Week
07
Year


Similar Part No. - Y1454250R000T0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y145512K7560A0R VISHAY-Y145512K7560A0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y145512K7560A0W VISHAY-Y145512K7560A0W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y145512K7560A9R VISHAY-Y145512K7560A9R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y145512K7560A9W VISHAY-Y145512K7560A9W Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y145512K7560B0R VISHAY-Y145512K7560B0R Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
More results

Similar Description - Y1454250R000T0L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com