Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CTQ045STRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 20CTQ045STRLPBF
Description  Schottky Rectifier, 2 x 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CTQ045STRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  20CTQ045STRLPBF Datasheet HTML 1Page - Vishay Siliconix 20CTQ045STRLPBF Datasheet HTML 2Page - Vishay Siliconix 20CTQ045STRLPBF Datasheet HTML 3Page - Vishay Siliconix 20CTQ045STRLPBF Datasheet HTML 4Page - Vishay Siliconix 20CTQ045STRLPBF Datasheet HTML 5Page - Vishay Siliconix 20CTQ045STRLPBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94163
4
Revision: 13-Aug-08
20CTQ...SPbF/20CTQ...-1PbF
Vishay High Power Products Schottky Rectifier, 2 x 10 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg)
Fig. 8 - Unclamped Inductive Test Circuit
IF(AV) - Average Forward Current (A)
015
145
150
160
175
180
5
165
10
170
155
DC
20CTQ
R
thJC (DC) = 3.25 °C/W
0
9
IF(AV) - Average Forward Current (A)
0
10
15
5
3
6
8
7
5
4
2
1
DC
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
RMS limit
tp - Square Wave Pulse Duration (µs)
1000
10
100
1000
10 000
100
At any rated load condition
and with rated V
applied
following surge
RRM
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 20CTQ045STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ045STRLPBF VISHAY-20CTQ045STRLPBF Datasheet
130Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
More results

Similar Description - 20CTQ045STRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB2035CT-1PBF VISHAY-MBRB2035CT-1PBF Datasheet
136Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 05-Oct-09
MBRB2080CTG-1PBF VISHAY-MBRB2080CTG-1PBF_10 Datasheet
167Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 08-Oct-08
VS-MBR20CTPBF VISHAY-VS-MBR20CTPBF Datasheet
156Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 04-Dec-13
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 22-Aug-08
20CTQ150PBF VISHAY-20CTQ150PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 13-Aug-08
MBRB2035CTPBF VISHAY-MBRB2035CTPBF Datasheet
138Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
VS-20CTQSPBF VISHAY-VS-20CTQSPBF Datasheet
175Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 12-Mar-10
VS-MBR20CTKPBF VISHAY-VS-MBR20CTKPBF Datasheet
176Kb / 7P
   Schottky Rectifier, 2 x 10 A
Revision: 29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com