Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6544 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # 2N6544
Description  POWER TRANSISTORS(8A,125W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N6544 Datasheet(HTML) 2 Page - Mospec Semiconductor

  2N6544 Datasheet HTML 1Page - Mospec Semiconductor 2N6544 Datasheet HTML 2Page - Mospec Semiconductor 2N6544 Datasheet HTML 3Page - Mospec Semiconductor 2N6544 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A


Similar Part No. - 2N6544

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N6544 CENTRAL-2N6544 Datasheet
51Kb / 1P
   POWER TRANSISTORS TO-3 CASE
logo
Seme LAB
2N6544 SEME-LAB-2N6544 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Central Semiconductor C...
2N6544 CENTRAL-2N6544 Datasheet
469Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6544 NJSEMI-2N6544 Datasheet
97Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
2N6544 ISC-2N6544 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2N6544

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUW12 MOSPEC-BUW12 Datasheet
91Kb / 2P
   POWER TRANSISTORS(8A,400-450V,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
   POWER TRANSISTORS(6A,375V,125W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
   POWER TRANSISTORS(5A,1500V,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
TIP160 MOSPEC-TIP160 Datasheet
143Kb / 3P
   POWER TRANSISTORS(10A,320-380V,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com