Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20TQ035S Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20TQ035S
Description  Schottky Rectifier, 20 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20TQ035S Datasheet(HTML) 5 Page - Vishay Siliconix

  20TQ035S Datasheet HTML 1Page - Vishay Siliconix 20TQ035S Datasheet HTML 2Page - Vishay Siliconix 20TQ035S Datasheet HTML 3Page - Vishay Siliconix 20TQ035S Datasheet HTML 4Page - Vishay Siliconix 20TQ035S Datasheet HTML 5Page - Vishay Siliconix 20TQ035S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93955
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
20TQ...S
Schottky Rectifier, 20 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (20 A)
2
-
Package:
T = TO-220
3
-
Schottky “Q” series
4
-
Voltage ratings
5
-
S = D2PAK
6
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
7
-
None = Standard production
PbF = Lead (Pb)-free
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
67
20
T
Q
045
S
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95014
Part marking information
http://www.vishay.com/doc?95008
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 20TQ035S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20TQ035S IRF-20TQ035S Datasheet
189Kb / 7P
   SCHOTTKY RECTIFIER
20TQ035S IRF-20TQ035S Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Sangdest Microelectroni...
20TQ035S SMC-20TQ035S Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
20TQ035S ISC-20TQ035S Datasheet
280Kb / 2P
   Schottky Rectifier
logo
International Rectifier
20TQ035SPBF IRF-20TQ035SPBF Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
More results

Similar Description - 20TQ035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com