Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY824F6R3CF2A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 36DY824F6R3CF2A
Description  Aluminum Capacitors 85 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY824F6R3CF2A Datasheet(HTML) 6 Page - Vishay Siliconix

  36DY824F6R3CF2A Datasheet HTML 1Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 2Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 3Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 4Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 5Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 6Page - Vishay Siliconix 36DY824F6R3CF2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
36DY
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42065
242
Revision: 29-Aug-08
250 WVDC at + 85 °C, SURGE = 300 V
560.0
36DY561F250AM2A
1.375 x 2.625 (35.0 x 67.0)
132.0
2.55
1000.0
36DY102F250AL2A
1.375 x 3.625 (35.0 x 92.0)
74.0
3.89
2700.0
36DY272F250BD2A
2.000 x 4.625 (51.0 x 117.0)
34.0
7.90
3300.0
36DY332F250BF2A
2.000 x 5.625 (51.0 x 143.0)
29.0
9.44
2700.0
36DY272F250CB2A
2.500 x 3.125 (64.0 x 79.0)
34.0
7.79
4700.0
36DY472F250DL2A
3.000 x 3.625 (76.0 x 92.0)
24.0
10.99
10 000.0
36DY103F250DF2A
3.000 x 5.625 (76.0 x 143.0)
11.0
19.14
350 WVDC at + 85 °C, SURGE = 400 V
470.0
36DY471F350AB2A
1.375 x 3.125 (35.0 x 79.0)
272.0
1.91
1000.0
36DY102F350AF2A
1.375 x 5.625 (35.0 x 143.0)
128.0
3.58
1000.0
36DY102F350BL2A
2.000 x 3.625 (51.0 x 92.0)
136.0
3.58
1800.0
36DY182F350BF2A
2.000 x 5.625 (51.0 x 143.0)
76.0
5.73
3300.0
36DY332F350DC2A
3.000 x 4.125 (76.0 x 105.0)
44.0
8.50
4700.0
36DY472F350DE2A
3.000 x 5.125 (76.0 x 130.0)
31.0
10.99
400 WVDC at + 85 °C, SURGE = 450 V
270.0
36DY271F400AM2A
1.375 x 2.625 (35.0 x 67.0)
429.0
1.41
680.0
36DY681F400AE2A
1.375 x 5.125 (35.0 x 130.0)
170.0
2.98
1000.0
36DY102F400BC2A
2.000 x 4.125 (51.0 x 105.0)
123.0
3.96
2200.0
36DY222F400CD2A
2.500 x 4.625 (64.0 x 117.0)
55.0
7.09
2700.0
36DY272F400DC2A
3.000 x 4.125 (76.0 x 105.0)
48.0
8.14
6800.0
36DY682F400DJ2A
3.000 x 8.625 (76.0 x 219.0)
19.0
17.36
450 WVDC at + 85 °C, SURGE = 525 V
330.0
36DY331F450AB2A
1.375 x 3.125 (35.0 x 79.0)
317.0
1.77
680.0
36DY681F450AE2A
1.375 x 5.125 (35.0 x 130.0)
164.0
3.13
1000.0
36DY102F450BC2A
2.000 x 4.125 (51.0 x 105.0)
113.0
4.13
2700.0
36DY272F450CF2A
2.500 x 5.625 (64.0 x 143.0)
42.0
8.78
3300.0
36DY332F450DD2A
3.000 x 4.625 (64.0 x 117.0)
36.0
10.20
5600.0
36DY562F450DJ2A
3.000 x 8.625 (76.0 x 219.0)
21.0
16.51
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C
(m
Ω)
MAX. RIPPLE at + 85 °C
(A)
120 HZ
120 HZ


Similar Part No. - 36DY824F6R3CF2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY824F6R3CF2A VISHAY-36DY824F6R3CF2A Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
More results

Similar Description - 36DY824F6R3CF2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com