Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DX752G015AA2A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 36DX752G015AA2A
Description  Aluminum Capacitors Powerlytic®, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DX752G015AA2A Datasheet(HTML) 4 Page - Vishay Siliconix

  36DX752G015AA2A Datasheet HTML 1Page - Vishay Siliconix 36DX752G015AA2A Datasheet HTML 2Page - Vishay Siliconix 36DX752G015AA2A Datasheet HTML 3Page - Vishay Siliconix 36DX752G015AA2A Datasheet HTML 4Page - Vishay Siliconix 36DX752G015AA2A Datasheet HTML 5Page - Vishay Siliconix 36DX752G015AA2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
36D, 36DE, 36DX
Vishay Sprague
Aluminum Capacitors
Powerlytic®, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42066
246
Revision: 27-Aug-08
ELECTRICAL DATA (Original/improved ratings)
CAPACITANCE (µF)
CASE CODE
PART NUMBER
TYPE 36D ORIGINAL RATINGS
25 WVDC at + 85 °C, SURGE = 30 V
2700.0 (1)
AA
36D272G025AA2A
5500.0 (1)
AB
36D552G025AB2A
40 WVDC at + 85 °C, SURGE = 50 V
5500.0 (1)
AC
36D552G040AC2A
8400.0 (1)
BB
36D842G040BB2A
50 WVDC at + 85 °C, SURGE = 650 V
1300.0 (1)
AA
36D132G050AA2A
5200.0 (1)
AE
36D522G050AE2A
TYPE 36DE IMPROVED RATINGS
25 WVDC at + 85 °C, SURGE = 30 V
40 000.0 (1)
BB
36DE403G025BB2A
TYPE 36DE ORIGINAL RATINGS
10 WVDC at + 85 °C, SURGE = 12 V
23 000.0 (1)
AA
36DE233G010AA2A
40 WVDC at + 85 °C, SURGE = 50 V
24 000.0 (1)
BB
36DE243G040BB2A
TYPE 36DX IMPROVED RATINGS
200 WVDC at + 85 °C, SURGE = 250 V
850.0 (1)
AC
36DX851F200AC2A
2000.0 (1)
BC
36DX202F200BC2A
2800.0 (1)
BC
36DX282F200BC2A
3400.0 (1)
CC
36DX342F200CC2A
7400.0 (1)
DF
36DX742F200DF2A
250 WVDC at + 85 °C, SURGE = 300 V
500.0 (1)
AB
36DX501F250AB2A
350 WVDC at + 85 °C, SURGE = 400 V
260.0 (1)
AB
36DX261F350AB2A
5100.0
DJ
36DX512F350DJ2A
450 WVDC at + 85 °C, SURGE = 525 V
230.0 (1)
AC
36DX231F450AC2A
2000.0 (1)
DF
36DX202F450DF2A
TYPE 36DX ORIGINAL RATINGS
15 WVDC at + 85 °C, SURGE = 18 V
7500.0 (1)
AA
36DX752G015AA2A
15 000.0 (1)
AB
36DX153G015AB2A
22 000.0 (1)
AC
36DX223G015AC2A
34 000.0 (1)
AF
36DX343G015AF2A
50 000.0 (1)
BC
36DX503G015BC2A
25 WVDC at + 85 °C, SURGE = 30 V
4500.0 (1)
AA
36DX452G025AA2A
9000.0 (1)
AB
36DX902G025AB2A
13 000.0 (1)
AC
36DX133G025AC2A
30 000.0 (1)
BC
36DX303G025BC2A
50 000.0 (1)
CC
36DX503G025CC2A


Similar Part No. - 36DX752G015AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
More results

Similar Description - 36DX752G015AA2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DX931F450CC2A VISHAY-36DX931F450CC2A Datasheet
91Kb / 6P
   Aluminum Capacitors Powerlytic®, Large Can
Revision: 18-Mar-13
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com