Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY473F025BB2A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 36DY473F025BB2A
Description  Aluminum Capacitors 85 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY473F025BB2A Datasheet(HTML) 4 Page - Vishay Siliconix

  36DY473F025BB2A Datasheet HTML 1Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 2Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 3Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 4Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 5Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 6Page - Vishay Siliconix 36DY473F025BB2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
36DY
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42065
240
Revision: 29-Aug-08
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR at 25 °C
(m
Ω)
MAX. RIPPLE at + 85 °C
(A)
120 HZ
120 HZ
6.3 WVDC at + 85 °C, SURGE = 8 V
68 000.0
36DY683F6R3AA2A
1.375 x 2.125 (35.0 x 54.0)
32.0
5.92
120 000.0
36DY124F6R3AB2A
1.375 x 3.125 (35.0 x 79.0)
20.0
8.70
220 000.0
36DY224F6R3BB2A
2.000 x 3.125 (51.0 x 79.0)
11.2
14.4
560 000.0
36DY564F6R3BF2A
2.000 x 5.625 (51.0 x 143.0)
6.6
23.8
820 000.0
36DY824F6R3CF2A
2.500 x 5.625 (64.0 x 143.0)
4.1
34.4
1.0 F
36DY105F6R3DD2A
3.000 x 4.625 (76.0 x 117.0)
14.5
34.0
10 WVDC at + 85 °C, SURGE = 12 V
82 000.0
36DY823F010AB2A
1.375 x 3.125 (35.0 x 79.0)
19.8
8.65
150 000.0
36DY154F010AD2A
1.375 x 4.625 (35.0 x 117.0)
14.0
12.2
220 000.0
36DY224F010BL2A
2.000 x 3.625 (51.0 x 92.0)
9.6
16.5
390 000.0
36DY394F010BF2A
2.000 x 5.625 (51.0 x 143.0)
6.7
23.7
470 000.0
36DY474F010CC2A
2.500 x 4.125 (64.0 x 105.0)
5.0
27.6
680 000.0
36DY684F010DC2A
3.000 x 4.125 (76.0 x 105.0)
5.0
30.9
15 WVDC at + 85 °C, SURGE = 18 V
47 000.0
36DY473F015AM2A
1.375 x 2.625 (35.0 x 67.0)
25.0
7.19
68 000.0
36DY683F015AL2A
1.375 x 3.625 (35.0 x 92.0)
17.5
9.79
100 000.0
36DY104F015AD2A
1.375 x 4.625 (35.0 x 117.0)
14.2
12.1
56 000.0
36DY563F015BA2A
2.000 x 2.125 (51.0 x 54.0)
20.0
9.40
100 000.0
36DY104F015BB2A
2.000 x 3.125 (51.0 x 79.0)
11.6
14.2
150 000.0
36DY154F015BC2A
2.000 x 4.125 (51.0 x 105.0)
8.7
18.3
220 000.0
36DY224F015BF2A
2.000 x 5.625 (51.0 x 143.0)
6.7
23.6
470 000.0
36DY474F015CF2A
2.500 x 5.625 (64.0 x 143.0)
4.2
34.0
680 000.0
36DY684F015DF2A
3.000 x 5.625 (76.0 x 143.0)
4.1
38.4
25 WVDC at + 85 °C, SURGE = 30 V
18 000.0
36DY183F025AM2A
1.375 x 2.625 (35.0 x 67.0)
25.0
7.12
22 000.0
36DY223F025AB2A
1.375 x 3.125 (35.0 x 79.0)
21.0
8.42
47 000.0
36DY473F025AF2A
1.375 x 5.625 (35.0 x 143.0)
12.6
14.0
33 000.0
36DY333F025BM2A
2.000 x 2.625 (51.0 x 67.0)
15.4
11.5
47 000.0
36DY473F025BB2A
2.000 x 3.125 (51.0 x 79.0)
12.3
13.8
100 000.0
36DY104F025BF2A
2.000 x 5.625 (51.0 x 143.0)
7.2
22.8
120 000.0
36DY124F025CC2A
2.500 x 4.125 (64.0 x 105.0)
6.7
23.8
220 000.0
36DY224F025DE2A
3.000 x 5.125 (76.0 x 130.0)
4.5
35.3
390 000.0
36DY394F025DJ2A
3.000 x 8.625 (76.0 x 219.0)
3.5
49.5
40 WVDC at + 85 °C, SURGE = 50 V
4700.0
36DY472F040AN2A
1.375 x 1.625 (35.0 x 41.0)
59.0
3.89
10 000.0
36DY103F040AM2A
1.375 x 2.625 (35.0 x 67.0)
28.0
6.84
12 000.0
36DY123F040AB2A
1.375 x 3.125 (35.0 x 79.0)
23.0
8.10
15 000.0
36DY153F040AL2A
1.375 x 3.625 (35.0 x 92.0)
19.4
9.30
10 000.0
36DY103F040BY2A
2.000 x 1.875 (51.0 x 48.0)
30.0
7.40
27 000.0
36DY273F040BB2A
2.000 x 3.125 (51.0 x 79.0)
12.8
13.5
33 000.0
36DY333F040BL2A
2.000 x 3.625 (51.0 x 92.0)
10.9
15.5
39 000.0
36DY393F040BC2A
2.000 x 4.125 (51.0 x 105.0)
9.6
17.4
47 000.0
36DY473F040CB2A
2.500 x 3.125 (64.0 x 79.0)
9.1
18.4
100 000.0
36DY104F040DC2A
3.000 x 4.125 (76.0 x 105.0)
5.4
29.7
8200.0
36DY822F040AM2A
1.375 x 2.625 (35.0 x 67.0)
29.0
6.66
10 000.0
36DY103F040AB2A
1.375 x 3.125 (35.0 x 79.0)
24.0
7.79
15 000.0
36DY153F040AC2A
1.375 x 4.125 (35.0 x 105.0)
18.2
10.1


Similar Part No. - 36DY473F025BB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY473F025BB2A VISHAY-36DY473F025BB2A Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
More results

Similar Description - 36DY473F025BB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com