Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS08PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 25TTS08PBF
Description  Phase Control SCR, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTS08PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  25TTS08PBF Datasheet HTML 1Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 2Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 3Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 4Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 5Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 6Page - Vishay Siliconix 25TTS08PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 25TTS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTS08PBF VISHAY-25TTS08PBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
25TTS08PBF VISHAY-25TTS08PBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
More results

Similar Description - 25TTS08PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 18-Jun-13
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 04-Jun-2018
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS0812-M3 VISHAY-VS-25TTS0812-M3 Datasheet
201Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 21-Aug-17
25TTSFPPBF VISHAY-25TTSFPPBF Datasheet
582Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 27-May-08
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 20-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com