Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS12PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 25TTS12PBF
Description  Phase Control SCR, 25 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

25TTS12PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  25TTS12PBF Datasheet HTML 1Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 2Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 3Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 4Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 5Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 6Page - Vishay Siliconix 25TTS12PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93702
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Jun-08
3
25TTS... High Voltage Series
Phase Control SCR, 25 A
Vishay High Power Products
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 40 to 125
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
1.1
°C/W
Maximum thermal resistance,
junction to ambient
RthJA
62
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.5
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-220AB
25TTS08
25TTS12


Similar Part No. - 25TTS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTS12PBF VISHAY-25TTS12PBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
25TTS12PBF VISHAY-25TTS12PBF Datasheet
150Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 06-Aug-08
logo
International Rectifier
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
More results

Similar Description - 25TTS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
VS-25TTS08PBF VISHAY-VS-25TTS08PBF Datasheet
874Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 18-Jun-13
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3_V01 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS12HM3 VISHAY-VS-25TTS12HM3 Datasheet
180Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 04-Jun-2018
VS-25TTS08-M3 VISHAY-VS-25TTS08-M3 Datasheet
204Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS0812-M3 VISHAY-VS-25TTS0812-M3 Datasheet
201Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
Revision: 21-Aug-17
25TTSFPPBF VISHAY-25TTSFPPBF Datasheet
582Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 27-May-08
25TTSFP VISHAY-25TTSFP Datasheet
143Kb / 7P
   Phase Control SCR TO-220AB FULL-PAK, 25 A
Revision: 20-Jun-08
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com