Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY103F040BY2A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 36DY103F040BY2A
Description  Aluminum Capacitors 85 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY103F040BY2A Datasheet(HTML) 2 Page - Vishay Siliconix

  36DY103F040BY2A Datasheet HTML 1Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 2Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 3Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 4Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 5Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 6Page - Vishay Siliconix 36DY103F040BY2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
36DY
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Large Can
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42065
238
Revision: 29-Aug-08
AF
1.375 (35.0)
5.625 (143.0)
1.453 (36.9)
5.750 (146.1)
1.849 (148.6)
0.500 (12.7)
201.0
EN
1.750 (44.0)
1.625 (41.0)
1.828 (46.4)
1.750 (44.5)
1.849 (47.0)
0.750 (19.1)
71.0
EY
1.750 (44.0)
1.875 (48.0)
1.828 (46.4)
2.000 (50.8)
2.099 (53.3)
0.750 (19.1)
88.0
EA
1.750 (44.0)
2.125 (54.0)
1.828 (46.4)
2.250 (57.2)
2.349 (59.7)
0.750 (19.1)
102.0
EM
1.750 (44.0)
2.625 (67.0)
1.828 (46.4)
2.750 (69.9)
2.849 (72.4)
0.750 (19.1)
133.0
EB
1.750 (44.0)
3.125 (79.0)
1.828 (46.4)
3.250 (82.6)
3.349 (85.1)
0.750 (19.1)
167.0
EL
1.750 (44.0)
3.625 (92.0)
1.828 (46.4)
3.750 (95.3)
3.849 (97.8)
0.750 (19.1)
198.0
EC
1.750 (44.0)
4.125 (105.0)
1.828 (46.4)
4.250 (108.0)
4.349 (110.5)
0.750 (19.1)
230.0
ED
1.750 (44.0)
4.625 (117.0)
1.828 (46.4)
4.750 (120.7)
4.849 (123.2)
0.750 (19.1)
252.0
EE
1.750 (44.0)
5.125 (130.0)
1.828 (46.4)
5.250 (133.4)
5.349 (135.9)
0.750 (19.1)
269.0
EF
1.750 (44.0)
5.625 (143.0)
1.828 (46.4)
5.750 (146.1)
5.849 (148.6)
0.750 (19.1)
318.0
BY
2.000 (51.0)
1.875 (48.0)
2.078 (52.8)
2.000 (50.8)
2.099 (53.3)
0.875 (22.2)
113.0
BA
2.000 (51.0)
2.125 (54.0)
2.078 (52.8)
2.250 (57.2)
2.349 (59.7)
0.875 (22.2)
133.0
BM
2.000 (51.0)
2.625 (67.0)
2.078 (52.8)
2.750 (69.9)
2.849 (72.4)
0.875 (22.2)
176.0
BB
2.000 (51.0)
3.125 (79.0)
2.078 (52.8)
3.250 (82.6)
3.349 (85.1)
0.875 (22.2)
213.0
BL
2.000 (51.0)
3.625 (92.0)
2.078 (52.8)
3.750 (95.3)
3.849 (97.8)
0.875 (22.2)
261.0
BC
2.000 (51.0)
4.125 (105.0)
2.078 (52.8)
4.250 (108.0)
4.349 (110.5)
0.875 (22.2)
381.0
BD
2.000 (51.0)
4.625 (117.0)
2.078 (52.8)
4.750 (120.7)
4.849 (123.2)
0.875 (22.2)
326.0
BE
2.000 (51.0)
5.125 (130.0)
2.078 (52.8)
5.250 (133.4)
5.349 (135.9)
0.875 (22.2)
337.0
BF
2.000 (51.0)
5.625 (143.0)
2.078 (52.8)
5.750 (146.1)
5.849 (148.6)
0.875 (22.2)
408.0
CB
2.500 (64.0)
3.125 (79.0)
2.578 (65.5)
3.250 (82.6)
N/A
1.125 (28.6)
329.0
CL
2.500 (64.0)
3.625 (92.0)
2.578 (65.5)
3.750 (95.3)
N/A
1.125 (28.6)
400.0
CC
2.500 (64.0)
4.125 (105.0)
2.578 (65.5)
4.250 (108.0)
N/A
1.125 (28.6)
473.0
CD
2.500 (64.0)
4.625 (117.0)
2.578 (65.5)
4.750 (120.7)
N/A
1.125 (28.6)
562.0
CE
2.500 (64.0)
5.125 (130.0)
2.578 (65.5)
5.250 (133.4)
N/A
1.125 (28.6)
607.0
CF
2.500 (64.0)
5.625 (143.0)
2.578 (65.5)
5.750 (146.1)
N/A
1.125 (28.6)
675.0
DB
3.000 (76.0)
3.125 (79.0)
3.078 (78.2)
3.250 (82.6)
N/A
1.250 (31.8)
496.0
DL
3.000 (76.0)
3.625 (92.0)
3.078 (78.2)
3.750 (95.3)
N/A
1.250 (31.8)
598.0
DC
3.000 (76.0)
4.125 (105.0)
3.078 (78.2)
4.250 (108.0)
N/A
1.250 (31.8)
700.0
DD
3.000 (76.0)
4.625 (117.0)
3.078 (78.2)
4.750 (120.7)
N/A
1.250 (31.8)
802.0
DE
3.000 (76.0)
5.125 (130.0)
3.078 (78.2)
5.250 (133.4)
N/A
1.250 (31.8)
944.0
DF
3.000 (76.0)
5.625 (143.0)
3.078 (78.2)
5.750 (146.1)
N/A
1.250 (31.8)
1004.0
DJ
3.000 (76.0)
8.625 (219.0)
3.078 (78.2)
8.750 (222.3)
N/A
1.250 (31.8)
1403.0
DIMENSIONS in inches (millimeters)
BRACKETS (RoHS COMPLIANT)
TYPE
PART NUMBER
A
B
C
FIGURE NUMBER
2 Feet
1245860035A
1.375 (34.9)
1.781 (45.2)
2.218 (56.3)
1
3 Feet
1245860036A
2.000 (50.8)
2.500 (63.5)
2.875 (73.0)
2
3 Feet
1245860037A
2.500 (63.5)
3.000 (76.2)
3.375 (85.7)
2
3 Feet
1245860038A
3.000 (76.2)
3.500 (88.9)
3.875 (98.4)
2
SCREW INSERT TERMINAL DIMENSIONS
TERMINAL CODE
THREAD
THREAD DEPTH
HEIGHT
J ± 0.032 (0.8)
DIAMETER
S ± 0.010 (0.25)
DIAMETER
T ± 0.010 (0.25)
NOTES
A
10-32 NF-28
0.219 (5.6)
0.063 (1.6)
0.313 (8.0)
0.438 (11.1)
All cases codes
B
10-32 NF-28
0.375 (9.5)
0.250 (6.4)
0.313 (8.0)
0.438 (11.1)
All cases codes
D
1/4-28 NF-28
0.344 (8.7)
0.093 (2.4)
0.688 (17.5)
-
C and D dia. codes only
DIMENSIONS in inches (millimeters)
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL SPACING
M ± 0.016 (0.4)
TYPICAL
WEIGHT
(
g)
D
± 0.032 (0.8)
L
± 0.063 (1.6)
D
(Max.)
L
(Max.)
P TERMINAL
H (Max.)


Similar Part No. - 36DY103F040BY2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY103F040BY2A VISHAY-36DY103F040BY2A Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
More results

Similar Description - 36DY103F040BY2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com