Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XO62ETEH60100M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO62ETEH60100M
Description  Surface Mount Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO62ETEH60100M Datasheet(HTML) 1 Page - Vishay Siliconix

  XO62ETEH60100M Datasheet HTML 1Page - Vishay Siliconix XO62ETEH60100M Datasheet HTML 2Page - Vishay Siliconix XO62ETEH60100M Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35058
38
Revision: 05-Mar-07
XOSM-532
Vishay Dale
Surface Mount Oscillator
FEATURES
5 x 3.2 x 1.3 Miniature Package
• Tri-state enable/disable
• HCMOS compatible
• Tape and Reel
• IR Re-flow
• 2.5 V input voltage
• 100 % Lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
The XOSM-532 series is an ultra miniature package clock
oscillator with dimensions 5.0 x 3.2 x 1.3 mm. It is mainly used
in portable PC and telecommunication devices and equipment.
* Include: 25 ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XOSM-532
Frequency Range
FO
1.544 MHz ~ 100.000 MHz
Frequency Stability*
All Condition*
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating Temperature
TOPR
0 ºC ~ 70 ºC (- 40 ºC ~ + 85 ºC option)
Storage Temperature Range
TSTG
- 55 ºC ~ + 125 ºC
Power Supply Voltage
VDD
2.5 V ± 10 %
Aging (First Year)
25 ºC ± 3 ºC
± 5 ppm
Supply Current
IDD
1.544 MHz to 9.999 MHz
7 mA Max
10.000 MHz to 34.999 MHz
8 mA Max
35.000 MHz to 49.999 MHz
20 mA Max
50.000 MHz to 100.000 MHz
30 mA Max
Output Symmetry
Sym
At 1/2 VDD
40/60 % (45/55 % Option)
Rise Time
Tr
10 % VDD ~ 90 % VDD
6 ns Max
Fall Time
Tf
90 % VDD ~ 10 % VDD
6 ns Max
Output Voltage
VOH
90 % VDD Min
VOL
10 % VDD Max
Output Load
HCMOS Load
30 pF Max (15 pF typ.)
Start-up Time
Ts
10 ms Max
Pin 1, tri-state function
Pin 1 = H or open.... output active at pin 3
Pin 1 = L..... high impedance at pin 3
ORDERING INFORMATION
XOSM-532
MODEL
B
FREQUENCY STABILITY
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm) Standard
R
OTR
Blank = Standard
R = - 40 °C to + 85 °C
E
ENABLE/DISABLE
E = Disable to Tristate
50 M
FREQUENCY/MHz
e4
JEDEC
LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
FREQUENCY
STABILITY
OTR
ENABLE/
DISABLE
PACKAGE
CODE
OPTIONS
FREQUENCY
***note: A 0.01 µF bypass capacitor should be placed between VDD(Pin4) and GND(Pin2) to minimize power supply line noise
X
O
6
2
C
T
E
AN
A
5
0
M


Similar Part No. - XO62ETEH60100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO62ETEH604M VISHAY-XO62ETEH604M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XO62ETEH60100M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
   Surface Mount Oscillator
Revision: 08-Mar-11
logo
ECM Electronics Limited...
VFAC3 ECM-VFAC3 Datasheet
121Kb / 1P
   Surface Mount Oscillator
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
   Surface Mount Oscillator
Revision: 05-Mar-07
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
   Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
   Surface Mount Oscillator
01-Jan-2022
XOSM-57 VISHAY-XOSM-57 Datasheet
117Kb / 1P
   Surface Mount Oscillator
Revision: 07-Jun-04
logo
ECM Electronics Limited...
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
   Surface Mount Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com