Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL202125471E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL202125471E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202125471E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL202125471E3 Datasheet HTML 1Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 2Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 3Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 4Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 5Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 6Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 7Page - Vishay Siliconix MAL202125471E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 28325
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 08-Apr-08
173
021 ASM
Aluminum Capacitors
Axial Standard Miniature
Vishay BCcomponents
DIMENSIONS in millimeters AND AVAILABLE FORMS
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
10
16
25
40
63
100
47
-
-
-
4.5 x10
6 x10
8 x 11
8 x18
--
-
-
-
6.5 x 18
-
68
-
-
4.5 x 10
-
-
8 x 11
10 x 18
--
-
-
-
6.5 x 18
-
100
-
4.5 x 10
-
6 x 10
8 x 11
8 x 18
10 x 25
-
-
-
-
6.5 x 18
-
10 x 30
150
-
-
6 x 10
8 x 11
8 x 18
10 x 18
12.5 x 30
--
-
6.5 x 18
-
-
-
220
-
6 x 10
8 x 11
6.5 x 18
10 x 18
10 x 25
12.5 x 30
--
-
-
-
10 x 30
-
330
-
8 x 11
6.5 x 18
8 x 18
10 x 25
12.5 x 30
15 x 30
470
8 x 11
6.5 x 18
8 x 18
10 x 18
10 x 25
12.5 x 30
18 x 30
--
-
-
10 x 30
-
-
680
-
8 x 18
10 x 18
10 x 25
12.5 x 30
15 x 30
18 x 38
--
-
10 x 30
-
-
-
1000
8 x 18
10 x 18
10 x 25
12.5 x 30
12.5 x 30
18 x 30
21 x 38
--
10 x 30
-
-
-
-
1500
-
10 x 25
12.5 x 30
12.5 x 30
15 x 30
18 x 38
-
-10 x 30
-
-
-
-
-
2200
10 x 25
12.5 x 30
12.5 x 30
15 x 30
18 x 30
21 x 38
-
3300
-
12.5 x 30
15 x 30
18 x 30
18 x 38
-
-
4700
-
15 x 30
18 x 30
18 x 38
21 x 38
-
-
6800
-
18 x 30
18 x 38
21 x 38
-
-
-
10 000
-
18 x 38
21 x 38
-
-
-
-
15 000
-
21 x 38
-
-
-
-
-
+
63.5 ± 1.5
Ø D
Ø d
F
Form BR: Taped on reel
Form BA: Taped in box (ammopack)
Case Ø D x L = 4.5 x 10 to 8 x 11 mm
L
Fig.2 Forms BA and BR
+
73.5 ± 1.5
Ø D
Ø d
F
Form BR: Taped on reel
Case Ø D x L = 6.5 x 18 to 15 x 30 mm
Form BA: Taped in box (ammopack)
Case Ø D x L = 6.5 x 18 to 10 x 25 mm
L
Fig.3 Forms BA and BR
IL
33 ± 1
Ø d
Ø D
F
Form AA: Axial in box
Case Ø D x L = 10 x 30 to 21 x 38 mm
Fig.4 Form AA


Similar Part No. - MAL202125471E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202125471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com