Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36MT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36MT
Description  Three Phase Bridge (Power Modules), 25/35 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36MT Datasheet(HTML) 3 Page - Vishay Siliconix

  36MT Datasheet HTML 1Page - Vishay Siliconix 36MT Datasheet HTML 2Page - Vishay Siliconix 36MT Datasheet HTML 3Page - Vishay Siliconix 36MT Datasheet HTML 4Page - Vishay Siliconix 36MT Datasheet HTML 5Page - Vishay Siliconix 36MT Datasheet HTML 6Page - Vishay Siliconix 36MT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93565
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 03-Nov-08
3
26MT../36MT.. Series
Three Phase Bridge
(Power Modules), 25/35 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
030
Total Output Current (A)
5
101520
60
80
100
120
140
160
26MT.. Series
120° (rect.)
25
~
+
-
1
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
1000
Instantaneous Forward Voltage (V)
26MT.. Series
T
J = 25 °C
T
J = 150 °C
Per junction
100
0
0.5
0
5
10
20
25
Total Output Current (A)
0
10
20
30
40
55
26MT.. Series
T
J = 150 °C
50
45
35
25
15
5
120° (rect.)
0
25
50
100
150
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
55
50
45
35
25
15
5
1 K/
W
75
125
10 K/W
7 K/W
5 K/
W
4 K/
W
3 K/
W
2 K/
W
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
80
120
160
200
240
280
300
320
At any rated load condition and with
rated V
RRM applied following surge.
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Initial T
J = 150 °C
26MT.. Series
260
220
180
140
100
0.01
0.1
1
Pulse Drain Duration (s)
80
120
160
200
240
320
360
400
Maximum non-repetitive surge current
versus pulse train duration.
No voltage reapplied
Rated V
RRM reapplied
Initial T
J = 150 °C
26MT.. Series
280


Similar Part No. - 36MT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MT IRF-36MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
36MT IRF-36MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
logo
Naina Semiconductor ltd...
36MT NAINA-36MT Datasheet
217Kb / 2P
   Three Phase Bridge Rectifier, 35A
logo
New Jersey Semi-Conduct...
36MT NJSEMI-36MT Datasheet
120Kb / 2P
   Three Phase Bridge Rectifier, 35A
logo
International Rectifier
36MT10 IRF-36MT10 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
More results

Similar Description - 36MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-26MT40 VISHAY-VS-26MT40 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-26MT80 VISHAY-VS-26MT80 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-36MT120 VISHAY-VS-36MT120 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com