Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY272F060AN2A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36DY272F060AN2A
Description  Aluminum Capacitors 85 °C, Large Can
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY272F060AN2A Datasheet(HTML) 3 Page - Vishay Siliconix

  36DY272F060AN2A Datasheet HTML 1Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 2Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 3Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 4Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 5Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 6Page - Vishay Siliconix 36DY272F060AN2A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 42065
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 29-Aug-08
239
36DY
Aluminum Capacitors
+ 85 °C, Large Can
Vishay Sprague
DIMENSIONS AND AVAILABLE FORMS
ORDERING EXAMPLE
Electrolytic capacitor 36DY series:
36DY 683 F 6R3 AA 2 A
Screw Insert Terminals
Figure 1
Figure 2
DESCRIPTION
CODE
EXPLANATION
36DY
Product type
683
Capacitance value (68 000 µF)
F
Tolerance (G = - 10 %/+ 75 %; F = - 10 %/+ 50 %)
6R3
Voltage rating at 85 °C (6.3 V)
AA
Can size (see dimensions table)
2
PVC insulating sleeve
A
Terminal code (low insert 10-32 screw thread)


Similar Part No. - 36DY272F060AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY272F060AN2A VISHAY-36DY272F060AN2A Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
More results

Similar Description - 36DY272F060AN2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY Datasheet
205Kb / 6P
   Aluminum Capacitors 85 C, Large Can
Revision: 25-Apr-05
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com