Selected language     English  ā–¼


TDA4950 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. TDA4950
Description  TV EAST/WEST CORRECTION CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 5 page
background image
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC POWERDIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.3
0.130
a1
0.7
0.020
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b
0.5
0.020
b1
0.38
0.5
0.015
0.020
D
9.8
0.386
E
8.8
0.346
e
2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F
7.1
0.280
I
4.8
0.189
L
3.3
0.130
Z
0.44
1.6
0.017
0.063
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems
without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
Ā© 1998 STMicroelectronics - All Rights Reserved
Purchase of I
2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent.
Rights to use these components in a I
2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
TDA4950
5/5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DP840632-Bit Parallel Error Detection and Correction Circuit 1 2 3 4 5 MoreNational Semiconductor (TI)
TDA1082East-West correction driver circuit 1 2 3 4 5 MoreNXP Semiconductors
STV9306BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
MC10E193ERROR DETECTION/ CORRECTION CIRCUIT 1 2 3 4 ON Semiconductor
STK392-020Convergence Correction Circuit Three Channel in a Single Package Maximum Output Current:6A 1 2 3 4 5 MoreSanyo Semicon Device
SY10E193ERROR DETECTION/ CORRECTION CIRCUIT 1 2 3 4 Micrel Semiconductor
STV9306ABus-Controlled Vertical Deflection System with East/West Correction Output Circuit 1 2 3 4 5 MoreSTMicroelectronics
TDA4951TV East/ West Correction Circuit for Square Tubes 1 2 3 4 5 TEMIC Semiconductors
TDA8145TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES 1 2 3 4 5 STMicroelectronics
ACS630MSRadiation Hardened EDAC Error Detection and Correction Circuit 1 2 3 4 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl