Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL203638108E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL203638108E3
Description  Aluminum Capacitors Radial Semi-Professional
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203638108E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL203638108E3 Datasheet HTML 1Page - Vishay Siliconix MAL203638108E3 Datasheet HTML 2Page - Vishay Siliconix MAL203638108E3 Datasheet HTML 3Page - Vishay Siliconix MAL203638108E3 Datasheet HTML 4Page - Vishay Siliconix MAL203638108E3 Datasheet HTML 5Page - Vishay Siliconix MAL203638108E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
036 RSP
Vishay BCcomponents
Aluminum Capacitors
Radial Semi-Professional
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28312
102
Revision: 15-Oct-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
1. Tape dimensions see section ‘PACKAGING’
Case Ø D x L = 8.2 x 11 mm only
Fig.2 Form CA: Long leads
Fig.3 Form CB: Cut leads
Pitch F = 5 mm
Case Ø D x L = 5 x 11 and 8.2 x 11 mm
Pitch F = 2.5 mm
Case Ø D x L = 5 x 11 mm only
Fig.4 Form TFA: Taped in box (AMMOPACK)
Fig.5 Form TNA: Taped in box (AMMOPACK)
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA, CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12
2.5 ± 0.5
≈ 0.4
1000
2000
8.2 x 11
13
0.6
8.7
12
5.0 ± 0.5
≈ 1.1
1000
1000
Ø D
L
F
15 min.
5 min.
Ø d
+-
Ø D
L
Ø d
-
+
5 ± 0.5
4
+ 1
0


Similar Part No. - MAL203638108E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203638108E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
036RSP VISHAY-036RSP_13 Datasheet
110Kb / 6P
   Aluminum Capacitors Radial Semi-Professional
Revision: 26-Apr-13
036RSP VISHAY-036RSP Datasheet
215Kb / 5P
   ALUMINUM CAPACITORS RADIAL SEMI-PROFESSIONAL
Revision: 17-Jun-05
036RSP VISHAY-036RSP_V01 Datasheet
97Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
01-Jan-2023
047RMS VISHAY-047RMS Datasheet
208Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 16-Nov-05
036RSP VISHAY-036RSP_16 Datasheet
116Kb / 6P
   Aluminum Electrolytic Capacitors Radial Semi-Professional
Revision: 15-Jul-16
047RMS VISHAY-047RMS_13 Datasheet
92Kb / 6P
   Aluminum Capacitors Radial Miniature Semi-Professional
Revision: 12-Apr-13
logo
List of Unclassifed Man...
047RMS ETC1-047RMS Datasheet
56Kb / 13P
   Aluminum electrolytic capacitors Radial Miniature Semi-Professional
logo
Vishay Siliconix
148RUS VISHAY-148RUS_13 Datasheet
121Kb / 8P
   Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 12-Apr-13
148RUS VISHAY-148RUS Datasheet
131Kb / 8P
   Aluminum Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 04-Jan-08
148RUS VISHAY-148RUS_17 Datasheet
132Kb / 9P
   Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
Revision: 28-Feb-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com