Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN5551ZTA Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXTN5551ZTA
Description  160V, SOT89, NPN high voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTN5551ZTA Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXTN5551ZTA Datasheet HTML 1Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 2Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 3Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 4Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 5Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 6Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 7Page - Zetex Semiconductors ZXTN5551ZTA Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXTN5551Z
Issue 1 - August 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
180
270
V
IC = 100 A
Collector-emitter
breakdown voltage
(base open)
BVCEO
160
200
V
IC = 1mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
67.85
V
IE = 10 A
Collector cut-off current
ICBO
<1
50
nA
VCB = 120V
50
A
VCB = 120V, Tamb= 100°C
Collector-emitter
saturation voltage
VCE(sat)
65
150
mV
IC = 10mA, IB = 1mA(*)
115
200
mV
IC = 50mA, IB = 5mA(*)
Base-emitter saturation
voltage
VBE(sat)
760
1000
mV
IC = 10mA, IB = 1mA(*)
840
1200
mV
IC = 50mA, IB = 5mA(*)
Static forward current
transfer ratio
hFE
80
130
IC = 1mA, VCE = 5V(*)
80
145
250
IC = 10mA, VCE = 5V(*)
30
65
IC = 50mA, VCE = 5V(*)
Transition frequency
fT
130
MHz
IC = 10mA, VCE = 10V
f = 100MHz
Output capacitance
COBO
6pF
VCB = 10V, f = 1MHz(*)
Small signal
hFE
50
260
IC = 10mA, VCE = 10V,
f=1kHz (†)
(†) Periodic sample test only
Delay time
t(d)
95
ns
VCC = 10V. IC = 1omA,
IB1 = IB2= 1mA.
Rise time
t(r)
64
ns
Storage time
t(s)
1256
ns
Fall time
t(f)
140
ns


Similar Part No. - ZXTN5551ZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN5551ZTA DIODES-ZXTN5551ZTA Datasheet
237Kb / 8P
   160V, SOT89, NPN high voltage transistor
More results

Similar Description - ZXTN5551ZTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
   160V, SOT89, NPN high voltage transistor
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
   160V NPN TRANSISTOR IN SOT89
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
   160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
   160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
   160V, SOT23, NPN High voltage transistor
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
   160V, SOT223, NPN high voltage transistor
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com