Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL203858101E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL203858101E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203858101E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL203858101E3 Datasheet HTML 1Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 2Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 3Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 4Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 5Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 6Page - Vishay Siliconix MAL203858101E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28309
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
93
038 RSU
Aluminum Capacitors
Radial Standard Ultra Miniature
Vishay BCcomponents
CAPACITANCE (C)
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
VOLTAGE
Surge voltage
Us ≤ 1.15 x UR
Reverse voltage
Urev ≤ 1V
CURRENT
Leakage current
After 2 minutes at UR
IL2 ≤ 0.01 CR x UR or 3 µA,
whichever is greater
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +3µA
INDUCTANCE
Equivalent series inductance (ESL)
Case Ø D
≤ 8 mm
typ. 13 nH
Case Ø D = 10 mm
typ. 16 nH
Case Ø D
≥ 12.5 mm
typ. 18 nH
RESISTANCE
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R
- 60
- 40
- 20
0
20
40
60
80
T
amb (°C)
C
0
C
Fig.6 Typical multiplier of capacitance as a function
of ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
1.2
1.1
1.0
0.9
0.8
0.7
0.6
3
2
1
1
2
3
Curve 1: 10 V
Curve 2: 63V
Curve 3: 100 V
10
3
10
4
10
2
10
f (Hz)
T
amb (20 °C)
C
0
C
Fig.7 Typical multiplier of capacitance as
a function of frequency
C
0 = capacitance at 20 °C, 100 Hz
1.1
1.0
0.9
0.8
0.7
0.6
3
2
1
Curve 1: 10 V
Curve 2: 63V
Curve 3: 100 V


Similar Part No. - MAL203858101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203858101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com