Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HFL40S02 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 70HFL40S02
Description  Fast Recovery Diodes (Stud Version), 40/70/85 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70HFL40S02 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 70HFL40S02 Datasheet HTML 4Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 5Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 6Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 7Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 8Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 9Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 10Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 11Page - Vishay Siliconix 70HFL40S02 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93150
8
Revision: 16-May-08
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 40/70/85 A
Fig. 16 - Average Forward Current vs. Maximum Allowable
Case Temperature, 85HFL Series
Fig. 17 - Maximum Non-Repetitive Surge Current
vs. Number of Current Pulses, All Series
Fig. 18 - Maximum Transient Thermal Impedance, Junction to Case vs. Pulse Duration, All Series
Fig. 19 - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, 40HFL...S02 Series
Fig. 20 - Typical Recovered Charge vs.
Rate of Fall of Forward Current, 40HFL...S02 Series


Similar Part No. - 70HFL40S02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70HFL40S02 IRF-70HFL40S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
70HFL40S02 IRF-70HFL40S02 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
70HFL40S02 VISHAY-70HFL40S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
70HFL40S02 NJSEMI-70HFL40S02 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
TRANSYS Electronics Lim...
70HFL40S02/5/10 TEL-70HFL40S02/5/10 Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
More results

Similar Description - 70HFL40S02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
85HF10 VISHAY-85HF10 Datasheet
130Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 19-Jun-08
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com