Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7233D Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7233D
Description  1W AUDIO AMPLIFIER WITH MUTE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7233D Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7233D Datasheet HTML 1Page - STMicroelectronics TDA7233D Datasheet HTML 2Page - STMicroelectronics TDA7233D Datasheet HTML 3Page - STMicroelectronics TDA7233D Datasheet HTML 4Page - STMicroelectronics TDA7233D Datasheet HTML 5Page - STMicroelectronics TDA7233D Datasheet HTML 6Page - STMicroelectronics TDA7233D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
° (typ.)
D (1)
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F (1)
3.8
4.0
0.15
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
° (max.)
(1) D and F do not include mold flash or protrusions. Mold flash or
potrusions shall not exceed 0.15mm (.006inch).
SO8
OUTLINE AND
MECHANICAL DATA
TDA7233 - TDA7233D
5/7


Similar Part No. - TDA7233D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7233D STMICROELECTRONICS-TDA7233D Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
More results

Similar Description - TDA7233D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7233D013TR STMICROELECTRONICS-TDA7233D013TR Datasheet
371Kb / 8P
   1W AUDIO AMPLIFIER WITH MUTE
TDA7233S STMICROELECTRONICS-TDA7233S Datasheet
65Kb / 6P
   1W AUDIO AMPLIFIER WITH MUTE
logo
New Japan Radio
NJM2790 NJRC-NJM2790 Datasheet
37Kb / 3P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2174V-TE2 NJRC-NJM2174V-TE2 Datasheet
40Kb / 5P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
NJM2174 NJRC-NJM2174 Datasheet
96Kb / 3P
   AUDIO LINE AMPLIFIER with MUTE FUNCTION
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
   Stereo 11W Audio Power Amplifier with Mute
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com