Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204223339E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL204223339E3
Description  Aluminum Capacitors Axial Standard, High Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204223339E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL204223339E3 Datasheet HTML 1Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 2Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 3Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 4Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 5Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 6Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 7Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 8Page - Vishay Siliconix MAL204223339E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28329
190
Revision: 05-May-08
041 - 043 ASH
Vishay BCcomponents
Aluminum Capacitors
Axial Standard, High Voltage
400
6.8
10 x 30
00
110
220
110
0.055
11.5
7.3
04216688E3
04226688E3
-
-
10
12.5 x 30
01
150
240
110
0.055
7.5
4.6
04216109E3
04226109E3
-
-
15
15 x 30
02
210
250
110
0.055
5.0
3.1
04216159E3
04226159E3
-
04246159E3
22
18 x 30
03
290
280
120
0.055
3.5
2.1
04216229E3
-
-
04246229E3
33
18 x 38
04
380
320
130
0.055
2.3
1.4
04316339E3
-
-
04346339E3
47
18 x 38
04
450
370
140
0.055
1.7
1.1
04316479E3
-
-
04346479E3
68
21 x 38
05
560
440
150
0.055
1.2
0.7
04316689E3
-
-
04346689E3
450
6.8
10 x 30
00
110
230
110
0.10
22
14
04217688E3
04227688E3
-
-
10
12.5 x 30
01
150
240
110
0.10
15
10
04217109E3
04227109E3
-
-
15
12.5 x 30
01
180
260
110
0.10
10
6
04217159E3
04227159E3
-
-
22
15 x 30
02
240
290
120
0.10
6.8
4.1
04217229E3
04227229E3
-
04247229E3
33
18 x 30
03
350
330
130
0.10
4.5
2.7
04217339E3
-
-
04247339E3
47
18 x 38
04
440
390
140
0.10
3.2
2.1
04317479E3
-
-
04347479E3
68
21 x 38
05
550
460
160
0.10
2.2
1.4
04317689E3
-
-
04347689E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
85 °C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
ORDERING CODE MAL2..........
IN BOX
FORM AA
TAPED ON
REEL
FORM BR
TAPED IN
BOX
FORM BA
MOUNTING
RING
FORM MR
ADDITIONAL ELECTRICAL DATA
PARAMETER
Conditions
Value
Axial
mounting ring
Voltage
Surge voltage
UR = 160 to 250 V
Us ≤ 1.15 x UR
UR = 350 to 450 V
Us ≤ 1.1 x UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute:
case Ø D x L = 6.5 x 18 to 10 x 25 mm:
CV
≤ 1000 µC
IL1 ≤ 0.05 CR xUR or 5 µA, whichever is greater
CV
> 1000 µC
IL1 ≤ 0.03 CR xUR +20µA
case Ø DxL=10 x30to21x38 mm:
UR = 160 to 385 V
IL1 ≤ 0.009 CR xUR +10µA
UR = 400 and 450 V
IL1 ≤ 0.009 CR xUR + 200 µA
After 5 minutes:
UR = 160 to 385 V:
CV
≤ 1000 µC
IL5 ≤ 0.01 CR xUR or 1 µA, whichever is greater
CV
> 1000 µC
IL5 ≤ 0.006 CR xUR +4µA
UR = 400 and 450 V
IL5 ≤ 0.002 CR xUR + 100 µA
Inductance
Equivalent series inductance (ESL)
case Ø D x L mm:
6.5 x 18
typ. 15 nH
-
8 x 18
typ. 35 nH
-
10 x 18
typ. 69 nH
-
10 x 25
typ. 38 nH
-
10 x 30
typ. 38 nH
-
12.5 x 30
typ. 46 nH
-
15 x 30
typ. 48 nH
typ. 39 nH
18 x 30
typ. 50 nH
typ. 39 nH
18 x 38
typ. 54 nH
typ. 39 nH
21 x 38
typ. 59 nH
typ. 39 nH


Similar Part No. - MAL204223339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204281109E3 VISHAY-MAL204281109E3 Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
MAL204281159E3 VISHAY-MAL204281159E3 Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
MAL204281229E3 VISHAY-MAL204281229E3 Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
MAL204281688E3 VISHAY-MAL204281688E3 Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
MAL204282109E3 VISHAY-MAL204282109E3 Datasheet
98Kb / 6P
   Aluminum Capacitors Axial Miniature High Voltage for E.L.B.
Revision: 22-Apr-08
More results

Similar Description - MAL204223339E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
041ASH VISHAY-041ASH Datasheet
225Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
Revision: 19-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com