Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41HFR80 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 41HFR80
Description  Standard Recovery Diodes, (Stud Version), 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

41HFR80 Datasheet(HTML) 2 Page - Vishay Siliconix

  41HFR80 Datasheet HTML 1Page - Vishay Siliconix 41HFR80 Datasheet HTML 2Page - Vishay Siliconix 41HFR80 Datasheet HTML 3Page - Vishay Siliconix 41HFR80 Datasheet HTML 4Page - Vishay Siliconix 41HFR80 Datasheet HTML 5Page - Vishay Siliconix 41HFR80 Datasheet HTML 6Page - Vishay Siliconix 41HFR80 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513
2
Revision: 23-Jun-08
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
40HF(R)
UNITS
10 TO 120
140/160
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
40
40
A
140
110
°C
Maximum RMS forward current
IF(RMS)
62
A
Maximum peak, one-cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
570
A
t = 8.3 ms
595
t = 10 ms
100 % VRRM
reapplied
480
t = 8.3 ms
500
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
1600
A2s
t = 8.3 ms
1450
t = 10 ms
100 % VRRM
reapplied
1150
t = 8.3 ms
1050
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
16 000
A2
√s
Value of threshold voltage
(up to 1200 V)
VF(TO)
TJ = TJ maximum
0.65
V
Value of threshold voltage
(for 1400 V/1600 V)
VF(TO)
0.76
Value of forward slope resistance
(up to 1200 V)
rf
TJ = TJ maximum
4.29
m
Ω
Value of forward slope resistance
(for 1400 V/1600 V)
rf
3.8
Maximum forward voltage drop
VFM
Ipk = 125 A, TJ = 25 °C, tp = 400 µs rectangular wave
1.30
1.50
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
40HF(R)
UNITS
10 TO 120
140/160
Maximum junction operating and
storage temperature range
TJ, TStg
- 65 to 190 - 65 to 160
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.95
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Allowable mounting torque
Not lubricated threads
3.4 + 0 - 10 %
(30)
N · m
(lbf · in)
Lubricated threads
2.3 + 0 - 10 %
(20)
Approximate weight
17
g
0.6
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)


Similar Part No. - 41HFR80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
41HFR800 IRF-41HFR800 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
41HFR800M IRF-41HFR800M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 41HFR80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR160M VISHAY-40HFR160M Datasheet
140Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 25-May-09
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com