Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7240A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7240A
Description  20WBRIDGE AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7240A Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7240A Datasheet HTML 1Page - STMicroelectronics TDA7240A Datasheet HTML 2Page - STMicroelectronics TDA7240A Datasheet HTML 3Page - STMicroelectronics TDA7240A Datasheet HTML 4Page - STMicroelectronics TDA7240A Datasheet HTML 5Page - STMicroelectronics TDA7240A Datasheet HTML 6Page - STMicroelectronics TDA7240A Datasheet HTML 7Page - STMicroelectronics TDA7240A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 8 : Supply Voltage Rejection
vs. Frequency.
Figure 7 : Distortion vs. Frequency.
Figure 10 : Power Dissipation and Efficiency vs.
Output Power.
Figure 9 : Power Dissipation and Efficiency vs.
Output Power.
TDA7240A
5/8


Similar Part No. - TDA7240A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7241 STMICROELECTRONICS-TDA7241 Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7241BH STMICROELECTRONICS-TDA7241BH Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
   5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
TDA7245A STMICROELECTRONICS-TDA7245A Datasheet
58Kb / 6P
   6W AUDIO AMPLIFIER WITH STAND-BY
More results

Similar Description - TDA7240A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Panasonic Semiconductor
AN7310N PANASONIC-AN7310N Datasheet
348Kb / 4P
   Dual Pre-Amplifier for Car Radio
logo
STMicroelectronics
TDA7370 STMICROELECTRONICS-TDA7370 Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
STMicroelectronics
TDA7370B STMICROELECTRONICS-TDA7370B Datasheet
259Kb / 17P
   QUAD POWER AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com