Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2624FG Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK2624FG
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2624FG Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK2624FG Datasheet HTML 1Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 2Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 3Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 4Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 5Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK2624FG
No. A1321-4/6
td(on)
td(off)
tf
tr
7
5
3
2
100
7
5
3
2
10
1.0
57
3
25
1.0
IT01027
VDD=200V
VGS=15V
0.1
100
0.001
10
0.01
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
1.0
0
0.3
0.6
1.5
0.9
1.2
VGS=0V
IT01026
--50
--25
0
5
6
2
1
3
4
50
100
150
0
25
75
125
Tc= --25
°C
25
°C
75
°C
IT01025
VDS=10V
VDS=10V
ID=1mA
5
10
1.0
2
3
0.1
7
5
2
3
7
0.1
7
3
1.0
25
7
3
25
10
IT01024
Tc=25
°C
ID=3.0A
1.8A
1.0A
0
2.5
3.0
3.5
4.0
2.0
1.5
1.0
8
212
20
14
16
18
610
4
IT01022
V GS
=15V
, I D
=1.8A
V GS
=10V
, I D
=1.8A
--50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
7.0
6.5
2.0
1.5
1.0
0.5
0
50
--25
150
25
75
100
125
0
IT01023
IS -- VSD
VGS(off) -- Tc
SW Time -- ID
Drain Current, ID -- A
Case Temperature, Tc --
°C
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
RDS(on) -- VGS
RDS(on) -- Tc
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
ID -- VDS
ID -- VGS
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
25
°C
75
°C
0
3.0
3.5
4.0
4.5
5.0
2.5
2.0
1.5
0.5
1.0
0
0
2
6
12
14
16
18
10
820
4
VDS=10V
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
24
8
10
6
13
7
9
5
VGS=6V
10V
15V
8V
7V
Tc= --25
°C
IT01020
IT01021
| yfs | -- I
D


Similar Part No. - 2SK2624FG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2624FS SANYO-2SK2624FS Datasheet
272Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 2SK2624FG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com