Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2624FG Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # 2SK2624FG
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2624FG Datasheet(HTML) 5 Page - Sanyo Semicon Device

  2SK2624FG Datasheet HTML 1Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 2Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 3Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 4Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 5Page - Sanyo Semicon Device 2SK2624FG Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2624FG
No. A1321-5/6
PD -- Tc
PD -- Ta
Case Temperature, Tc --
°C
Ambient Temperature, Ta --
°C
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100
120
140
160
IT01031
30
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
IT01030
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
EAS -- Ta
IT10478
Ambient Temperature, Ta --
°C
0
2
5
1000
100
3
10
7
2
5
3
7
510
15
20
25
30
IT01028
Coss
Ciss
Crss
f=1MHz
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
IT14035
Operation in
this area is
limited by RDS(on).
10
μs
100
μs
1ms
DC
operation
IDP=12A
A S O
Drain-to-Source Voltage, VDS -- V
1.0
0.1
0.01
3
10
2
3
2
5
7
3
2
5
7
3
2
5
7
0.1
23
5 7 1.0 23 5 7 10
100
23
25 7
35 7
1000
ID=3.5A
PW
≤10μs
10ms
100ms
Tc=25
°C
Single pulse


Similar Part No. - 2SK2624FG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2624FS SANYO-2SK2624FS Datasheet
272Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results

Similar Description - 2SK2624FG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com