Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42HF10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 42HF10
Description  Standard Recovery Diodes, (Stud Version), 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

42HF10 Datasheet(HTML) 1 Page - Vishay Siliconix

  42HF10 Datasheet HTML 1Page - Vishay Siliconix 42HF10 Datasheet HTML 2Page - Vishay Siliconix 42HF10 Datasheet HTML 3Page - Vishay Siliconix 42HF10 Datasheet HTML 4Page - Vishay Siliconix 42HF10 Datasheet HTML 5Page - Vishay Siliconix 42HF10 Datasheet HTML 6Page - Vishay Siliconix 42HF10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93513
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 23-Jun-08
1
Standard Recovery Diodes,
(Stud Version), 40 A
40HF(R) Series
Vishay High Power Products
FEATURES
• High surge current capability
• Stud cathode and stud anode version
• Leaded version available
• Types up to 1600 V VRRM
• RoHS compliant
• Designed and qualified for multiple level
TYPICAL APPLICATIONS
• Battery charges
• Converters
• Power supplies
• Machine tool controls
• Welding
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
40 A
DO-203AB (DO-5)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
40HF(R)
UNITS
10 TO 120
140/160
IF(AV)
40
40
A
TC
140
110
°C
IF(RMS)
62
A
IFSM
50 Hz
570
A
60 Hz
595
I2t
50 Hz
1600
A2s
60 Hz
1450
VRRM
Range
100 to 1200
1400/1600
V
TJ
- 65 to 190
- 65 to 160
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
40HF(R)
10
100
200
9
20
200
300
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300
140
1400
1500
4.5
160
1600
1700


Similar Part No. - 42HF10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
42HF100 IRF-42HF100 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HF1000 IRF-42HF1000 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HF1000M IRF-42HF1000M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HF100M IRF-42HF100M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
More results

Similar Description - 42HF10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR160M VISHAY-40HFR160M Datasheet
140Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 25-May-09
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com