Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42HFR160 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 42HFR160
Description  Standard Recovery Diodes, (Stud Version), 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

42HFR160 Datasheet(HTML) 6 Page - Vishay Siliconix

  42HFR160 Datasheet HTML 1Page - Vishay Siliconix 42HFR160 Datasheet HTML 2Page - Vishay Siliconix 42HFR160 Datasheet HTML 3Page - Vishay Siliconix 42HFR160 Datasheet HTML 4Page - Vishay Siliconix 42HFR160 Datasheet HTML 5Page - Vishay Siliconix 42HFR160 Datasheet HTML 6Page - Vishay Siliconix 42HFR160 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93513
6
Revision: 23-Jun-08
40HF(R) Series
Vishay High Power Products Standard Recovery Diodes,
(Stud Version), 40 A
Fig. 13 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Square Wave Pulse Duration (s)
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
Steady State Value
(DC Operation)
40HF(R) .. Series
1
-
40 = Standard device
41 = Not isolated lead
42 = Isolated lead with silicone sleeve
(red = Reverse polarity)
(blue = Normal polarity)
2
-
HF = Standard diode
3
-
None = Stud normal polarity (cathode to stud)
R = Stud reverse polarity (anode to stud)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
5
-
None = Stud base DO-203AB (DO-5) 1/4" 28UNF-2A
M = Stud base DO-203AB (DO-5) M6 x 1
Device code
5
13
24
40
HF
R
160
M
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95344


Similar Part No. - 42HFR160

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
42HFR160 NJSEMI-42HFR160 Datasheet
123Kb / 4P
   STANDARD RECOVERY DIODES
logo
International Rectifier
42HFR1600 IRF-42HFR1600 Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
42HFR1600M IRF-42HFR1600M Datasheet
138Kb / 9P
   STANDARD RECOVERY DIODES
logo
New Jersey Semi-Conduct...
42HFR160M NJSEMI-42HFR160M Datasheet
123Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 42HFR160

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFR VISHAY-VS-40HFR Datasheet
165Kb / 9P
   Standard Recovery Diodes,(Stud Version), 40 A
Revision: 29-Jan-14
40HFR160M VISHAY-40HFR160M Datasheet
140Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
Revision: 25-May-09
VS-40HFR VISHAY-VS-40HFR_V01 Datasheet
169Kb / 9P
   Standard Recovery Diodes, (Stud Version), 40 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com