Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204650102E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL204650102E3
Description  Aluminum Capacitors Radial, Standard Long-Life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204650102E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL204650102E3 Datasheet HTML 1Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 2Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 3Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 4Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 5Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 6Page - Vishay Siliconix MAL204650102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
046 RSL
Vishay BCcomponents
Aluminum Capacitors
Radial, Standard Long-Life
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28367
4
Revision: 19-Jun-08
CAPACITANCE (C)
40
100
10 x 12
14
300
560
43
11
0.09
1.43
0.60
0.35
57101E3
67101E3
-
220
10 x 20
16
450
850
91
21
0.09
0.65
0.27
0.17
57221E3
67221E3
37221E3
330
12.5 x 20
17
590
1000
140
29
0.09
0.43
0.18
0.13
57331E3
67331E3
37331E3
470
12.5 x 25
18
750
1300
190
41
0.09
0.30
0.13
0.08
57471E3
67471E3
37471E3
2200
18 x 35
22
1900
2500
880
180
0.11
0.08
0.03
0.03
57222E3
67222E3
-
3300
18 x 35
22
2100
2600
1300
270
0.12
0.06
0.03
0.03
57332E3
67332E3
-
50
100
10 x 16
15
310
610
53
13
0.07
1.11
0.50
0.28
51101E3
61101E3
31101E3
220
12.5 x 20
17
500
980
110
25
0.07
0.51
0.23
0.13
51221E3
61221E3
31221E3
330
12.5 x 25
18
680
1200
170
36
0.07
0.34
0.15
0.09
51331E3
61331E3
31331E3
1000
16 x 31
20
1400
1800
500
100
0.07
0.11
0.05
0.05
51102E3
61102E3
31102E3
2200
18 x 35
22
2000
2600
1100
220
0.09
0.07
0.03
0.03
51222E3
61222E3
-
63
22
10 x 12
14
170
310
17
9
0.06
4.3
1.6
0.7
58229E3
68229E3
38229E3
47
10 x 12
14
230
430
33
9
0.06
2.03
0.96
0.40
58479E3
68479E3
38479E3
100
10 x 20
16
360
710
66
16
0.06
0.95
0.45
0.20
58101E3
68101E3
38101E3
220
12.5 x 25
18
610
1100
140
31
0.06
0.43
0.20
0.11
58221E3
68221E3
38221E3
330
16 x 25
19
750
1300
210
45
0.06
0.29
0.14
0.08
58331E3
68331E3
38331E3
470
16 x 25
19
950
1600
300
62
0.06
0.20
0.10
0.06
58471E3
68471E3
38471E3
1000
16 x 35
22
1500
2100
630
130
0.06
0.10
0.04
0.04
58102E3
68102E3
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
CASE
CODE
IR
100 Hz
105 °C
(mA)
IRH
100 kHz
105 °C
(mA)
IL1
1min
(µA)
IL5
5min
(µA)
tan
δ
100 Hz
ESR
100 Hz
(
Ω)
Z
10 kHz
(
Ω)
Z
100 kHz
(
Ω)
ORDERING NUMBER
MAL2046.......
BULK PACKAGING
TAPED
FORM CA FORM CB
FORM
TFA
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.01 CR x UR +3µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +3µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
typ. 16 nH
Case Ø D
≥ 12.5 mm
typ. 18 nH
Fig.5 Typical multiplier of capacitance as a function of
ambient temperature.
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb = (°C)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
C
0
C
2
1
2
1
Curve 1: 6.3 V
Curve 2: 63 V
C0 = capacitance at 20 °C, 100 Hz
Fig.6 Typical multiplier of capacitance as a function
of frequency.
T
amb = (20 °C)
0
10
5
10
4
10
3
10
2
10
f (Hz)
0.2
0.4
0.6
0.8
1.0
1.2
C
0
C
2
1
C
0 = capacitance at 20 °C, 100 Hz
Curve 1: 6.3 V
Curve 2: 63 V


Similar Part No. - MAL204650102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204650102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com