Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ03FN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 50WQ03FN
Description  Schottky Rectifier, 5.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ03FN Datasheet(HTML) 1 Page - Vishay Siliconix

  50WQ03FN Datasheet HTML 1Page - Vishay Siliconix 50WQ03FN Datasheet HTML 2Page - Vishay Siliconix 50WQ03FN Datasheet HTML 3Page - Vishay Siliconix 50WQ03FN Datasheet HTML 4Page - Vishay Siliconix 50WQ03FN Datasheet HTML 5Page - Vishay Siliconix 50WQ03FN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94232
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Apr-08
1
Schottky Rectifier, 5.5 A
50WQ03FNPbF
Vishay High Power Products
FEATURES
• Popular D-PAK outline
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for AEC Q101 level
DESCRIPTION
The 50WQ03FNPbF surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and small foot prints on PC board. Typical applications are in
disk
drives,
switching
power
supplies,
converters,
freewheeling diodes, battery charging, and reverse battery
protection.
PRODUCT SUMMARY
IF(AV)
5.5 A
VR
30 V
D-PAK
Anode
1
3
Base
cathode
Anode
4, 2
Available
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
5.5
A
VRRM
30
V
IFSM
tp = 5 µs sine
320
A
VF
5 Apk, TJ = 125 °C
0.35
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
50WQ03FNPbF
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 136 °C, rectangular waveform
5.5
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated
load condition and with
rated VRRM applied
320
A
10 ms sine or 6 ms rect. pulse
130
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 5 mH
10
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2.0
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 50WQ03FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ03FN IRF-50WQ03FN Datasheet
68Kb / 6P
   SCHOTTKY RECTIFIER
50WQ03FN IRF-50WQ03FN Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
50WQ03FN SMC-50WQ03FN Datasheet
150Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
50WQ03FN SMCDIODE-50WQ03FN Datasheet
314Kb / 4P
   50WQ03FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
50WQ03FN ISC-50WQ03FN Datasheet
290Kb / 2P
   Schottky Rectifier
More results

Similar Description - 50WQ03FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com