Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ03FN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 50WQ03FN
Description  Schottky Rectifier, 5.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ03FN Datasheet(HTML) 2 Page - Vishay Siliconix

  50WQ03FN Datasheet HTML 1Page - Vishay Siliconix 50WQ03FN Datasheet HTML 2Page - Vishay Siliconix 50WQ03FN Datasheet HTML 3Page - Vishay Siliconix 50WQ03FN Datasheet HTML 4Page - Vishay Siliconix 50WQ03FN Datasheet HTML 5Page - Vishay Siliconix 50WQ03FN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94232
2
Revision: 21-Apr-08
50WQ03FNPbF
Vishay High Power Products Schottky Rectifier, 5.5 A
Note
(1) Pulse width < 300 µs, duty cycle < 2 %
Note
(1)
thermal runaway condition for a diode on its own heatsink
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
5 A
TJ = 25 °C
0.46
V
10 A
0.53
5 A
TJ = 125 °C
0.35
10 A
0.46
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
3
mA
TJ = 125 °C
58
Threshold voltage
VF(TO)
TJ = TJ maximum
0.19
V
Forward slope resistance
rt
22.22
m
Ω
Typical junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
590
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
5.0
nH
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ (1), TStg
- 40 to 150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
3.0
°C/W
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style D-PAK (similar to TO-252AA)
50WQ03FN
dP
tot
dT
J
-------------
1
R
thJA
--------------
<


Similar Part No. - 50WQ03FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ03FN IRF-50WQ03FN Datasheet
68Kb / 6P
   SCHOTTKY RECTIFIER
50WQ03FN IRF-50WQ03FN Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
50WQ03FN SMC-50WQ03FN Datasheet
150Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
50WQ03FN SMCDIODE-50WQ03FN Datasheet
314Kb / 4P
   50WQ03FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
50WQ03FN ISC-50WQ03FN Datasheet
290Kb / 2P
   Schottky Rectifier
More results

Similar Description - 50WQ03FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
50WQ04FNPBF VISHAY-50WQ04FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com