Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50WQ04FNTRL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 50WQ04FNTRL
Description  Schottky Rectifier, 5.5 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50WQ04FNTRL Datasheet(HTML) 5 Page - Vishay Siliconix

  50WQ04FNTRL Datasheet HTML 1Page - Vishay Siliconix 50WQ04FNTRL Datasheet HTML 2Page - Vishay Siliconix 50WQ04FNTRL Datasheet HTML 3Page - Vishay Siliconix 50WQ04FNTRL Datasheet HTML 4Page - Vishay Siliconix 50WQ04FNTRL Datasheet HTML 5Page - Vishay Siliconix 50WQ04FNTRL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94233
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Apr-08
5
50WQ04FNPbF
Schottky Rectifier, 5.5 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (5.5 A)
2
-
Package identifier:
3
W = D-PAK
4
-
Voltage rating (04 = 40 V)
5
-
FN = TO-252AA
6
-
None = Tube (50 pieces)
-
Schottky “Q” series
TR = Tape and reel
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
7
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
1
3
24
67
50
W
Q
04
FN
TRL PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95016
Part marking information
http://www.vishay.com/doc?95059
Packaging information
http://www.vishay.com/doc?95033


Similar Part No. - 50WQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50WQ04FNTRL IRF-50WQ04FNTRL Datasheet
559Kb / 5P
   SCHOTTKY RECTIFIER
50WQ04FNTRL IRF-50WQ04FNTRL Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
50WQ04FNTRLPBF IRF-50WQ04FNTRLPBF Datasheet
187Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
50WQ04FNTRLPBF VISHAY-50WQ04FNTRLPBF Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
More results

Similar Description - 50WQ04FNTRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3 Datasheet
120Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
50WQ10FNPBF VISHAY-50WQ10FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
50WQ03FNPBF VISHAY-50WQ03FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
VS-50WQ03FN-M3 VISHAY-VS-50WQ03FN-M3_15 Datasheet
130Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 03-Nov-10
VS-50WQ10FNPBF VISHAY-VS-50WQ10FNPBF Datasheet
116Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 29-May-13
50WQ06FNPBF VISHAY-50WQ06FNPBF_13 Datasheet
138Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 14-Jan-11
VS-50WQ04FNHM3 VISHAY-VS-50WQ04FNHM3 Datasheet
112Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS50WQ10FN VISHAY-VS50WQ10FN Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
Revision: 21-Aug-13
VS-50WQ10FNHM3 VISHAY-VS-50WQ10FNHM3_V01 Datasheet
146Kb / 7P
   Schottky Rectifier, 5.5 A
01-Jan-2022
50WQ06FNPBF VISHAY-50WQ06FNPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 5.5 A
Revision: 21-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com