Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50RIA100S90 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 50RIA100S90
Description  Medium Power Thyristors (Stud Version), 50 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

50RIA100S90 Datasheet(HTML) 6 Page - Vishay Siliconix

  50RIA100S90 Datasheet HTML 1Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 2Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 3Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 4Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 5Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 6Page - Vishay Siliconix 50RIA100S90 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93711
6
Revision: 19-Sep-08
50RIA Series
Vishay High Power Products Medium Power Thyristors
(Stud Version), 50 A
Fig. 8 - Thermal Impedance ZthJC Characteristics
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 0.35 K/W
thJ-hs
50RIA Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1) (2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
tr<=1 µs
Rectangular gate pulse
rated di/dt : 20V, 30 ohms; tr<=0.5 µs
<=30% rated di/dt : 20V, 65 ohms
(1) PGM = 10W, tp = 5ms
(2) PGM = 20W, tp = 2.5ms
(3) PGM = 50W, tp = 1ms
(4) PGM = 100W, tp = 500µs
(3) (4)
50RIA Series
Frequency Limited by PG(AV)
1
-
Current code
2
-
Essential part number
3
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
4
5
-
None = Stud base TO-208AC (TO-65) 1/4" 28UNF-2A
M = Stud base TO-208AC (TO-65) M6 x 1
-
Critical dV/dt:
None = 500 V/µs (standard value)
S90 = 1000 V/µs (special selection)
Device code
5
13
24
50
RIA
120
S90
M
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95334


Similar Part No. - 50RIA100S90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50RIA100S90 IRF-50RIA100S90 Datasheet
206Kb / 8P
   MEDIUM POWER THYRISTORS
50RIA100S90M IRF-50RIA100S90M Datasheet
206Kb / 8P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 50RIA100S90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
logo
Nell Semiconductor Co.,...
50PT12SM NELLSEMI-50PT12SM Datasheet
1Mb / 7P
   Medium Power Thyristors (Stud Version), 50A
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com