Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204858101E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL204858101E3
Description  Aluminum Capacitors Radial Miniature Long Life
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204858101E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL204858101E3 Datasheet HTML 1Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 2Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 3Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 4Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 5Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 6Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 7Page - Vishay Siliconix MAL204858101E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 28318
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 05-May-08
121
048 RML
Aluminum Capacitors
Radial Miniature Long Life
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
Us ≤ 1.15 UR
Reverse voltage
Urev ≤ 1V
Current
Leakage current
After 1 minute at UR
IL1 ≤ 0.01 CR x UR +3 µA
After 5 minutes at UR
IL5 ≤ 0.002 CR x UR +3µA
Inductance
Equivalent series inductance (ESL)
Case Ø D = 10 mm
typ. 16 nH
Case Ø D
≥ 12.5 mm
typ. 18 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
δ
max. and CR (see Table 2)
ESR = tan
δ/2 π f C
R
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (20 °C)
Fig.5 Typical multiplier of capacitance as a function
of ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
Curve 1: 6.3 V
Curve 2: 63 V
1
2
2
1
0.8
0.9
1.0
1.1
1.2
C
0
C
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (20 °C)
Fig.6 Typical multiplier of capacitance as a function
of ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
1.2
1.0
0.8
0.6
0.4
0.2
0
C
0
C
5
4
3
2
1
Curve 1: 10 V
Curve 2: 16 V
Curve 3: 25 V
Curve 4: 50 V
Curve 5: 63 V
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb (20 °C)
Fig.7 Typical multiplier of ESR as a function of
ambient temperature
C
0 = capacitance at 20 °C, 100 Hz
1.2
1.0
0.8
0.6
0.4
0.2
0
C
0
C
3
2
1
1
2
3
Curve 1: 10 V; case Ø D = 10 mm
Curve 2: 6.3 V; case Ø D 16 mm
Curve 3: 63 Vcase Ø
f (Hz)
ESR
ESR
0
Fig.8 Typical multiplier of ESR as a function
of frequency
ESR
0 = typical at 20 °C, 100 Hz
2.0
1.6
1.2
0.8
0.4
0
1
0
10
2
10
3
10
4
10
5
1
2
3
4
5
Curve 1: 6.3 V
Curve 2: 16 V
Curve 3: 35 V
Curve 4: 50 V
Curve 5: 63 V


Similar Part No. - MAL204858101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204858101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
138AML VISHAY-138AML Datasheet
154Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 25-Oct-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com