Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL202138159E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MAL202138159E3
Description  Aluminum Capacitors Axial Standard Miniature
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL202138159E3 Datasheet(HTML) 7 Page - Vishay Siliconix

  MAL202138159E3 Datasheet HTML 1Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 2Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 3Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 4Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 5Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 6Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 7Page - Vishay Siliconix MAL202138159E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
021 ASM
Vishay BCcomponents
Aluminum Capacitors
Axial Standard Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28325
178
Revision: 08-Apr-08
Table 4
Table 5
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 16 V
UR =25 to 40 V
UR = 63 to 100 V
50
0.95
0.90
0.85
100
1.00
1.00
1.00
300
1.07
1.12
1.20
1000
1.12
1.20
1.30
3000
1.15
1.25
1.35
≥ 10 000
1.20
1.30
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb =85°C; UR applied;
case Ø D x L = 4.5 x 10 to 10 x 25 mm:
UR = 6.3 to 25 V: 1000 hours;
UR = 40 to 100 V: 2000 hours;
case Ø DxL=10 x30to21 x 38 mm:
UR = 6.3 to 100 V: 5000 hours
UR ≤ 6.3 V; ΔC/C: + 15/- 30 %
UR > 6.3 V; ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤2 x spec. limit
IL5 ≤ spec. limit
Tamb = 105 °C; UR applied;
case Ø DxL=10 x30to21 x 38 mm:
2000 hours
ΔC/C: ≤ ± 20 %
tan
δ≤ 1.6 x spec. limit
Z
≤ 2 x spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb =85°C; UR and IR applied;
case Ø D x L = 4.5 x 10 to 10 x 25 mm:
2500 hours;
case Ø DxL=10 x30to21 x 38 mm:
8000 hours
UR ≤ 6.3 V; ΔC/C: + 45/- 50 %
UR > 6.3 V; ΔC/C: ± 45 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb =85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 min,
24 to 48 hours before measurement
ΔC/C, tan δ,Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 x spec. limit


Similar Part No. - MAL202138159E3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MAL2020 MMD-MAL2020 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048 MMD-MAL202048 Datasheet
74Kb / 1P
   Industry Standard Package
MAL202048A MMD-MAL202048A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020A MMD-MAL2020A Datasheet
74Kb / 1P
   Industry Standard Package
MAL2020C MMD-MAL2020C Datasheet
74Kb / 1P
   Industry Standard Package
More results

Similar Description - MAL202138159E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
030AS VISHAY-030AS Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
030031AS VISHAY-030031AS Datasheet
179Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 13-Apr-12
MAL203036109E3 VISHAY-MAL203036109E3 Datasheet
181Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 24-Apr-12
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
138AML VISHAY-138AML_12 Datasheet
237Kb / 12P
   Aluminum Capacitors Axial Miniature, Long-Life
Revision: 19-Sep-12
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com