Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

94MT140KPBF Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 94MT140KPBF
Description  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

94MT140KPBF Datasheet(HTML) 9 Page - Vishay Siliconix

  94MT140KPBF Datasheet HTML 1Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 2Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 3Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 4Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 5Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 6Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 7Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 8Page - Vishay Siliconix 94MT140KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 94MT140KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
94MT IRF-94MT Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
94MTKB IRF-94MTKB Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
More results

Similar Description - 94MT140KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com