Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104MT140KPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 104MT140KPBF
Description  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

104MT140KPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  104MT140KPBF Datasheet HTML 1Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 2Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 3Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 4Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 5Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 6Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 7Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 8Page - Vishay Siliconix 104MT140KPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94351
6
Revision: 05-May-08
54-94-104MT..KPbF Series
Vishay High Power Products
Three Phase AC Switch
(Power Modules), 50 A to 100 A
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 11 - Current Ratings Characteristic
Fig. 12 - Forward Voltage Drop Characteristics
Fig. 13 - Total Power Loss Characteristics
700
750
650
600
550
500
450
400
350
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
94MT..K Series
Per junction
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
900
800
700
600
500
400
300
1000
Pulse Train Duration (s)
0.01
0.1
1
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
94MT..K Series
Per junction
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
90
80
70
60
120
130
100
110
RMS Output Current (A)
20
40
100
120
60
80
0
104MT..K Series
Device fully turned-on
Per single AC switch
For all conduction angles
I
RMS
~
1
100
10
1000
Instantaneous On-State Voltage (V)
12
3
4
5
0
T
J = 25 °C
104MT..K Series
Per junction
T
J = 125 °C
0
350
400
450
500
300
250
200
150
100
50
RMS Output Current (A)
20
40
60
80
100
120
0
180°
120°
90°
60°
30°
104MT..K Series
T
J = 125 °C
Device fully
turned-on
Conduction angle
Ø
50
0
450
500
400
350
300
250
200
150
100
Maximum Allowable Ambient
Temperature (°C)
100
125
25
50
75
0
0.15
K/W
0.5
K/W
0.7 K/W
1.0 K/W
1.5 K/W
0.3
K/W


Similar Part No. - 104MT140KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
104MT160KBS90 IRF-104MT160KBS90 Datasheet
158Kb / 10P
   THREE PHASE AC SWITCH
More results

Similar Description - 104MT140KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
54-94-104MTKPBF VISHAY-54-94-104MTKPBF Datasheet
220Kb / 11P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 14-Jan-14
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com