Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60APU02 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 60APU02
Description  Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60APU02 Datasheet(HTML) 7 Page - Vishay Siliconix

  60APU02 Datasheet HTML 1Page - Vishay Siliconix 60APU02 Datasheet HTML 2Page - Vishay Siliconix 60APU02 Datasheet HTML 3Page - Vishay Siliconix 60APU02 Datasheet HTML 4Page - Vishay Siliconix 60APU02 Datasheet HTML 5Page - Vishay Siliconix 60APU02 Datasheet HTML 6Page - Vishay Siliconix 60APU02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 60APU02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60APU02 IRF-60APU02 Datasheet
146Kb / 7P
   Ultrafast Soft Recovery Diode
60APU02 IRF-60APU02 Datasheet
173Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Inchange Semiconductor ...
60APU02 ISC-60APU02 Datasheet
309Kb / 2P
   Ultrafast Rectifier
logo
Vishay Siliconix
60APU02-N3 VISHAY-60APU02-N3 Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
logo
International Rectifier
60APU02PBF IRF-60APU02PBF Datasheet
173Kb / 8P
   Ultrafast Soft Recovery Diode
More results

Similar Description - 60APU02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU02PBF VISHAY-60EPU02PBF Datasheet
135Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Revision: 30-Oct-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Revision: 30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com