Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60EPU02PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 60EPU02PBF
Description  Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPU02PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  60EPU02PBF Datasheet HTML 1Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 2Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 3Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 4Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 5Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 6Page - Vishay Siliconix 60EPU02PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94021
2
Revision: 07-Apr-08
60EPU02PbF/60APU02PbF
Vishay High Power Products Ultrafast Soft Recovery Diode,
60 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1.0 A, dIF/dt = 200 A/µs, VR = 30 V
-
-
35
ns
TJ = 25 °C
IF = 60 A
dIF/dt = 200 A/µs
VR = 160 V
-28-
TJ = 125 °C
-
50
-
Peak recovery current
IRRM
TJ = 25 °C
-
4
-
A
TJ = 125 °C
-
8
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
59
-
nC
TJ = 125 °C
-
220
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Thermal resistance,
junction to case
RthJC
-
-
0.70
K/W
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth
and greased
-0.2
-
Weight
-5.5
-
g
-0.2
-
oz.
Mounting torque
--
1.2
N
⋅ m
Marking device
Case style TO-247AC modified
60EPU02
Case style TO-247AC
60APU02


Similar Part No. - 60EPU02PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPU02PBF IRF-60EPU02PBF Datasheet
173Kb / 8P
   Ultrafast Soft Recovery Diode
logo
Vishay Siliconix
60EPU02PBF VISHAY-60EPU02PBF Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU02PBF VISHAY-60EPU02PBF Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
60EPU02PBF VISHAY-60EPU02PBF Datasheet
207Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU02PBF VISHAY-60EPU02PBF_11 Datasheet
201Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 17-Feb-11
More results

Similar Description - 60EPU02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
60EPU06 VISHAY-60EPU06 Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU02 VISHAY-60EPU02 Datasheet
138Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU04 VISHAY-60EPU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 02-Jun-08
60EPU04PBF VISHAY-60EPU04PBF Datasheet
111Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
150EBU04 VISHAY-150EBU04 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
80EBU04 VISHAY-80EBU04 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PTTM
Revision: 30-Oct-08
80EBU02 VISHAY-80EBU02 Datasheet
117Kb / 7P
   Ultrafast Soft Recovery Diode, 80 A FRED PtTM
Revision: 30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
logo
Nell Semiconductor Co.,...
N-60EPU06 NELLSEMI-N-60EPU06 Datasheet
2Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 60 A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com