Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL203838102E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MAL203838102E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203838102E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  MAL203838102E3 Datasheet HTML 1Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 2Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 3Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 4Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 5Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 6Page - Vishay Siliconix MAL203838102E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
038 RSU
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Ultra Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28309
92
Revision: 05-May-08
35
47
5 x 11
130
17
0.12
50479E3
2.0
-
-
30479E3
5.0
70479E3
2.5
100
6.3 x 11
210
35
0.12
50101E3
2.5
-
-
30101E3
5.0
70101E3
2.5
220
8 x 11.5
385
77
0.12
50221E3
3.5
-
-
30221E3
5.0
70221E3
3.5
330
10 x 12
490
116
0.12
50331E3
5.0
60331E3
5.0
30331E3
5.0
-
-
470
10 x 16
740
165
0.12
50471E3
5.0
60471E3
5.0
30471E3
5.0
-
-
1000
13 x 20
1145
350
0.12
50102E3
5.0
60102E3
5.0
30102E3
5.0
-
-
2200
16 x 25
1785
770
0.14
50222E3
7.5
60222
7.5
30222E3
7.5
-
-
3300
16 x 35
2275
1155
0.16
50332E3
7.5
60332E3
7.5
-
-
-
-
4700
18 x 35
2700
1645
0.18
50472E3
7.5
60472E3
7.5
-
-
-
-
50
22
5 x 11
95
11
0.10
51229E3
2.0
-
-
31229E3
5.0
71229E3
2.5
33
5 x 11
125
17
0.10
51339E3
2.0
-
-
31339E3
5.0
71339E3
2.5
47
6.3 x 11
165
24
0.10
51479E3
2.5
-
-
31479E3
5.0
71479E3
2.5
100
8 x 11.5
260
50
0.10
51101E3
3.5
-
-
31101E3
5.0
71101E3
3.5
220
10 x 12
455
110
0.10
51221E3
5.0
61221E3
5.0
31221E3
5.0
-
-
330
10 x 16
585
165
0.10
51331E3
5.0
61331E3
5.0
31331E3
5.0
-
-
470
10 x 20
755
235
0.10
51471E3
5.0
61471E3
5.0
31471E3
5.0
-
-
1000
13 x 25
1340
500
0.10
51102E3
5.0
61102E3
5.0
31102E3
5.0
-
-
2200
16 x 31
1885
1100
0.12
51222E3
7.5
61222E3
7.5
31222E3
7.5
-
-
3300
18 x 35
2500
1650
0.14
51332E3
7.5
61332E3
7.5
-
-
-
-
63
0.10
5 x 11
3.0
3.0
0.09
58107E3
2.0
-
-
38107E3
5.0
78107E3
2.5
0.22
5 x 11
4.5
3.0
0.09
58227E3
2.0
-
-
38227E3
5.0
78227E3
2.5
0.33
5 x 11
7.5
3.0
0.09
58337E3
2.0
-
-
38337E3
5.0
78337E3
2.5
0.47
5 x 11
9.5
3.0
0.09
58477E3
2.0
-
-
38477E3
5.0
78477E3
2.5
1.0
5 x 11
17
3.0
0.09
58108E3
2.0
-
-
38108E3
5.0
78108E3
2.5
2.2
5 x 11
28
3.0
0.09
58228E3
2.0
-
-
38228E3
5.0
78228E3
2.5
3.3
5 x 11
34
3.0
0.09
58338E3
2.0
-
-
38338E3
5.0
78338E3
2.5
4.7
5 x 11
45
3.0
0.09
58478E3
2.0
-
-
38478E3
5.0
78478E3
2.5
10
5 x 11
70
6.3
0.09
58109E3
2.0
-
-
38109E3
5.0
78109E3
2.5
22
5 x 11
105
14
0.09
58229E3
2.0
-
-
38229E3
5.0
78229E3
2.5
33
6.3 x 11
140
21
0.09
58339E3
2.5
-
-
38339E3
5.0
78339E3
2.5
47
6.3 x 11
170
30
0.09
58479E3
2.5
-
-
38479E3
5.0
78479E3
2.5
100
10 x 12
320
63
0.09
58101E3
5.0
68101E3
5.0
38101E3
5.0
-
-
220
10 x 16
490
139
0.09
58221E3
5.0
68221E3
5.0
38221E3
5.0
-
-
330
10 x 20
710
208
0.09
58331E3
5.0
68331E3
5.0
38331E3
5.0
-
-
470
13 x 20
900
296
0.09
58471E3
5.0
68471E3
5.0
38471E3
5.0
-
-
1000
16 x 25
1560
630
0.09
58102E3
7.5
68102E3
7.5
38102E3
7.5
-
-
2200
18 x 35
1950
1386
0.11
58222E3
7.5
68222E3
7.5
-
-
-
-
100
0.47
5 x 11
12
3.0
0.08
59477E3
2.0
-
-
39477E3
5.0
79477E3
2.5
1.0
5 x 11
22
3.0
0.08
59108E3
2.0
-
-
39108E3
5.0
79108E3
2.5
2.2
5 x 11
33
3.0
0.08
59228E3
2.0
-
-
39228E3
5.0
79228E3
2.5
3.3
5 x 11
40
3.3
0.08
59338E3
2.0
-
-
39338E3
5.0
79338E3
2.5
4.7
5 x 11
48
4.7
0.08
59478E3
2.0
-
-
39478E3
5.0
79478E3
2.5
10
6.3 x 11
80
10
0.08
59109E3
2.5
-
-
39109E3
5.0
79109E3
2.5
22
6.3 x 11
115
22
0.08
59229E3
2.5
-
-
39229E3
5.0
79229E3
2.5
33
8 x 11.5
145
33
0.08
59339E3
3.5
-
-
39339E3
5.0
79339E3
3.5
47
10 x 12
235
47
0.08
59479E3
5.0
69479E3
5.0
39479E3
5.0
-
-
100
10 x 20
370
100
0.08
59101E3
5.0
69101E3
5.0
39101E3
5.0
-
-
220
13 x 25
675
220
0.08
59221E3
5.0
69221E3
5.0
39221E3
5.0
-
-
330
13 x 25
825
330
0.08
59331E3
5.0
69331E3
5.0
39331E3
5.0
-
-
470
16 x 25
1070
470
0.08
59471E3
7.5
69471E3
7.5
39471E3
7.5
-
-
1000
18 x 40
2410
1000
0.08
59102E3
7.5
69102E3
7.5
-
-
-
-
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 ºC
(mA)
IL2
2min
(µA)
tan
δ
100 Hz
ORDERING CODE MAL2038 .......
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)


Similar Part No. - MAL203838102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203838102E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com