Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204635471E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MAL204635471E3
Description  Aluminum Capacitors Radial, Standard Long-Life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204635471E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MAL204635471E3 Datasheet HTML 1Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 2Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 3Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 4Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 5Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 6Page - Vishay Siliconix MAL204635471E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 28367
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 19-Jun-08
1
Aluminum Capacitors
Radial, Standard Long-Life
046 RSL
Vishay BCcomponents
FEATURES
• Polarized aluminum electrolytic capacitors,
non-solid electrolyte
• Radial leads, cylindrical aluminum case with
pressure relief, insulated with a blue vinyl sleeve
• Charge and discharge proof
• Very long useful life: 3000 to 4000 hours at 105 °C, high
reliability.
• High ripple current capability, low impedance, low ESR
• Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
• Power conversion, EDP, telecommunication, industrial
and audio-video
• Smoothing, filtering, buffering in SMPS, timing
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance (in µF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (046)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
22 to 10 000 µF
Tolerance on CR
± 20 %
Rated voltage range, UR
6.3to63V
Category temperature range
- 40 to + 105 °C
Endurance test at 105 °C
2000 hours
Useful life at 105 °C
Case Ø D = 10 and 12.5 mm
Case Ø D = 16 and 18 mm
3000 hours
4000 hours
Useful life at 40 °C, 1.6 x IR applied
Case Ø D = 10 and 12.5 mm
Case Ø D = 16 and 18 mm
200 000 hours
260 000 hours
Shelf life at 0 V, 105 °C
1000 hours
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60068
40/105/56
Fig.1 Component outline
150RMI
148 RUS
140 RTM
125 °C
higher
temperature
higher
CV/volume
046 RSL
105 °C
116 RLL
048 RML
lower
CV-values
longer life
low Z
RoHS
COMPLIANT
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
10
16
25
35
40
50
63
22
-
-
-
-
-
-
-
10 x 12
47
-
-
-
-
-
-
-
10 x 12
100
-
-
-
-
-
10 x 12
10 x 16
10 x 20
220
-
-
10 x 12
-
10 x 16
10 x 20
12.5 x 20
12.5 x 25
330
-
10 x 12
10 x 16
-
10 x 20
12.5 x 20
12.5 x 25
16 x 25
470
10 x 12
10 x 16
10 x 20
-
12.5 x 20
12.5 x 25
-
16 x 25
1000
10 x 20
12.5 x 20
12.5 x 25
12.5 x 25
16 x 25
-
16 x 31
18 x 35
2200
12.5 x 25
-
16 x 25
16 x 31
16 x 35
18 x 35
18 x 35
-
3300
16 x 25
-
16 x 31
18 x 35
-
18 x 35
-
-
4700
16 x 31
16 x 35
18 x 35
18 x 35
-
-
-
-
6800
16 x 35
18 x 35
18 x 35
-
-
-
-
-
10 000
18 x 35
18 x 35
-
-
-
-
-
-


Similar Part No. - MAL204635471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204635471E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com