Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL203839109E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MAL203839109E3
Description  Aluminum Capacitors Radial Standard Ultra Miniature
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL203839109E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MAL203839109E3 Datasheet HTML 1Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 2Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 3Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 4Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 5Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 6Page - Vishay Siliconix MAL203839109E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
038 RSU
Vishay BCcomponents
Aluminum Capacitors
Radial Standard Ultra Miniature
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28309
90
Revision: 05-May-08
DIMENSIONS in millimeters AND AVAILABLE FORMS
Table 1
Note
Detailed tape dimensions see section ‘PACKAGING’.
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
UR (V)
6.3
10
16253550
63
100
0.1
------
5 x 11
-
0.22
------
5 x 11
-
0.33
------
5 x 11
-
0.47
------
5 x 11
5 x 11
1.0
------
5 x 11
5 x 11
2.2
------
5 x 11
5 x 11
3.3
------
5 x 11
5 x 11
4.7
------
5 x 11
5 x 11
10
------
5 x 11
6.3 x 11
22
-----
5 x 11
5 x 11
6.3 x 11
33
-----
5 x 11
6.3 x 11
8 x 11.5
47
----
5 x 11
6.3 x 11
6.3 x 11
10 x 12
100
-
5 x 11
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
10 x 12
10 x 20
220
5 x 11
5 x 11
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12
10 x 16
13 x 25
330
6.3 x 11
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 25
470
6.3 x 11
6.3 x 11
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 20
16 x 25
1000
8 x 11.5
10 x 12
10 x 16
10 x 20
13 x 20
13 x 25
16 x 25
18 x 40
2200
10 x 16
10 x 20
13 x 20
13 x 25
16 x 25
16 x 31
18 x 35
-
3300
10 x 20
13 x 20
13 x 25
16 x 25
16 x 35
18 x 35
-
-
4700
13 x 20
13 x 25
16 x 25
16 x 31
18 x 35
-
-
-
6800
13 x 25
16 x 25
16 x 31
18 x 35
-
-
-
-
10 000
16 x 25
16 x 35
18 x 35
-
-
-
-
-
22 000
18 x 40-----
--
Ø D
Ø d
F
15
min.
5
min.
L
Ø D
Ø d
4 +1
0
F
+
-
Fig.2 Form CA
Fig.3 Form CB:
Cut leads
Fig.4 Form TNA, Form TFA:
Taped in box (ammopack), straight leads
Fig.5 Form TFA:
Taped in box (ammopack), formed leads
Dimensions of pitch F see tables 1 and 2
Case Ø D = 5 to 8 mm; pitch F is 5 mm
DIMENSIONS IN MILLIMETERS, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA, TNA
5 x 11
11
0.5
5.5
12.5
2.0 ± 0.5
≈ 0.4
5000
-
2000
6.3 x 11
12
0.5
6.8
12.5
2.5 ± 0.5
≈ 0.6
5000
-
2000
8 x 11.5
13
0.6
8.5
12.5
3.5 ± 0.5
≈ 1.1
5000
-
1000
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
≈ 1.6
3000
1000
500
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
≈ 1.9
2500
1000
500
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
≈ 2.2
2000
800
500
13 x 20
17
0.6
13.5
22.0
5.0 ± 0.5
≈ 4.0
1500
400
300
13 x 25
18
0.6
13.5
27.0
5.0 ± 0.5
≈ 5.0
1000
400
300
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
≈ 8.0
750
200
200
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
≈ 9.0
600
200
200
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
≈ 11.0
500
200
-
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
≈ 14.5
400
150
-
18 x 40
23
0.8
18.5
42.0
7.5 ± 0.5
≈ 16.0
400
150
-


Similar Part No. - MAL203839109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL203023109E3 VISHAY-MAL203023109E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023151E3 VISHAY-MAL203023151E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203023689E3 VISHAY-MAL203023689E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024101E3 VISHAY-MAL203024101E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
MAL203024479E3 VISHAY-MAL203024479E3 Datasheet
111Kb / 9P
   Aluminum Capacitors Axial Standard
Revision: 15-Oct-08
More results

Similar Description - MAL203839109E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222203851101 VISHAY-222203851101 Datasheet
116Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 05-May-08
038RSU VISHAY-038RSU_12 Datasheet
124Kb / 7P
   Aluminum Capacitors Radial Standard Ultra Miniature
Revision: 14-Mar-12
038RSU VISHAY-038RSU_17 Datasheet
133Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
Revision: 28-Feb-17
038RSU VISHAY-038RSU_V01 Datasheet
112Kb / 8P
   Aluminum Electrolytic Capacitors Radial Standard Ultra Miniature
01-Jan-2023
037RSM VISHAY-037RSM_08 Datasheet
114Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 14-Nov-07
037RSM VISHAY-037RSM Datasheet
486Kb / 7P
   Aluminum Capacitors Radial Standard Miniature
Revision: 16-Nov-05
021ASM VISHAY-021ASM_12 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
021ASM VISHAY-021ASM Datasheet
117Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
222202115222 VISHAY-222202115222 Datasheet
204Kb / 8P
   Aluminum Capacitors Axial Standard Miniature
Revision: 24-Oct-12
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com