Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL204635222E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MAL204635222E3
Description  Aluminum Capacitors Radial, Standard Long-Life
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL204635222E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  MAL204635222E3 Datasheet HTML 1Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 2Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 3Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 4Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 5Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 6Page - Vishay Siliconix MAL204635222E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28367
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 19-Jun-08
5
046 RSL
Aluminum Capacitors
Radial, Standard Long-Life
Vishay BCcomponents
EQUIVALENT SERIES RESISTANCE (ESR)
IMPEDANCE (Z)
10
1
ESR
0
ESR
10
-1
1, 2
3
3
2
1
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb = (°C)
Curve 1: 6.3 V
case Ø D = 10 and 12.5 mm
Curve 2: 6.3 V
case Ø D = 16 and 18 mm
Curve 3: 63 V
ESR
0 = typical at 20 °C, 100 Hz
Fig.7 Typical multiplier of ESR as a function of
ambient temperature.
T
amb = (20 °C)
0
105
10
4
10
3
10
2
10
f (Hz)
0.4
0.8
1.2
1.6
2.0
ESR
0
ESR
2
1
2
1
Curve 1: 6.3 V
Curve 2: 63 V
Fig.8 Typical multiplier of ESR as a function of frequency.
10
1
Z
0
Z
10
-1
- 60
- 40
- 20
0
20
40
60
80
100
120
T
amb = (°C)
1
2
3
1
2
3
Curve 1: 6.3 V;
case Ø D = 10 and 12.5 mm
Curve 2: 6.3 V;
case Ø D = 16 and 18 mm
Z
0 = typical impedance at 20 °C, 10 kHz
Fig.9 Typical multiplier of Impedance as a function of
ambient temperature.
T
amb = (20 °C)
2
1
5
6
3
4
10
2
10
3
10
4
10
5
f (Hz)
10
6
10
2
10
1
10
-1
10
-2
Z
(
Ω)
Curve 1: 47 mF, 63 V; Ø10 x 12 mm
Curve 2: 100 mF, 40 V; Ø 10 x 12 mm
Curve 3: 220 mF, 16 V; Ø 10 x 12 mm
Curve 4: 220 mF, 40 V; Ø 10 x 20 mm
Curve 5: 470 mF, 16 V; Ø 10 x 20 mm
Curve 6: 1 000 mF, 6.3 V; Ø 10 x 20 mm
Case Ø D = 10 mm
Fig.9 Typical impedance as a function of frequency.
T
amb = (20 °C)
10
2
10
3
10
4
10
5
f (Hz)
10
6
10
2
10
1
10
-1
10
-2
Z
(
Ω)
2
1
5, 6
7
3
4
Curve 1: 220 µF, 50 V; Ø 12.5 x 20 mm
Curve 2: 330 µF, 50 V; Ø 12.5 x 25 mm
Curve 3: 470 µF, 40 V; Ø 12.5 x 25 mm
Curve 4: 1 000 µF, 35 V; Ø 16 x 25 mm
Curve 5: 1 000 µF, 50 V; Ø 16 x 31 mm
Curve 6: 1 000 µF, 63 V; Ø 18 x 35 mm
Curve 7: 4 700 µF, 16 V; Ø 18 x 35 mm
Case Ø D = 12.5 to 18 mm
Fig.10 Typical impedance at as a function of frequency.


Similar Part No. - MAL204635222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL204121109E3 VISHAY-MAL204121109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121229E3 VISHAY-MAL204121229E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204121478E3 VISHAY-MAL204121478E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123109E3 VISHAY-MAL204123109E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
MAL204123228E3 VISHAY-MAL204123228E3 Datasheet
119Kb / 9P
   Aluminum Capacitors Axial Standard, High Voltage
Revision: 05-May-08
More results

Similar Description - MAL204635222E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
116RLL VISHAY-116RLL Datasheet
204Kb / 5P
   Aluminum Capacitors Radial Long Life
Revision: 17-Jun-05
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
048RML VISHAY-048RML Datasheet
111Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-May-08
048RML VISHAY-048RML_12 Datasheet
107Kb / 8P
   Aluminum Capacitors Radial Miniature Long Life
Revision: 05-Oct-12
151RLH VISHAY-151RLH_08 Datasheet
98Kb / 6P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 27-May-08
151RLH VISHAY-151RLH Datasheet
59Kb / 5P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 04-Nov-03
151RLH VISHAY-151RLH_12 Datasheet
100Kb / 7P
   Aluminum Capacitors Radial Long-Life, High Voltage
Revision: 31-Jul-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com