Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7263M Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7263M
Description  1212W STEREO AMPLIFIER WITH MUTING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7263M Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7263M Datasheet HTML 1Page - STMicroelectronics TDA7263M Datasheet HTML 2Page - STMicroelectronics TDA7263M Datasheet HTML 3Page - STMicroelectronics TDA7263M Datasheet HTML 4Page - STMicroelectronics TDA7263M Datasheet HTML 5Page - STMicroelectronics TDA7263M Datasheet HTML 6Page - STMicroelectronics TDA7263M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
19.6
0.772
H2
20.2
0.795
L
21.5
22.3
0.846
0.878
L1
21.4
22.2
0.843
0.874
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.1
4.3
4.5
0.161
0.169
0.177
M1
4.88
5.08
5.3
0.192
0.200
0.209
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
MULTIWATT11 PACKAGE MECHANICAL DATA
TDA7263M
6/7


Similar Part No. - TDA7263M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
   1212W STEREO AMPLIFIER WITH MUTING
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
[Old version datasheet]   6 6W STEREO AMPLIFIER WITH MUTING
More results

Similar Description - TDA7263M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7263 STMICROELECTRONICS-TDA7263 Datasheet
110Kb / 8P
   1212W STEREO AMPLIFIER WITH MUTING
logo
NTE Electronics
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
   Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
Texas Instruments
TDA7263L TI-TDA7263L Datasheet
133Kb / 10P
[Old version datasheet]   6 6W STEREO AMPLIFIER WITH MUTING
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
MAX9741 MAXIM-MAX9741_V01 Datasheet
1Mb / 16P
   12W12W, Low-EMI, Spread-Spectrum, Stereo, Class D Amplifier
19-3887; Rev 0; 2/06
logo
Anpec Electronics Corop...
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
logo
STMicroelectronics
TDA7253L STMICROELECTRONICS-TDA7253L Datasheet
103Kb / 8P
   6W AMPLIFIER WITH MUTING
TDA7253 STMICROELECTRONICS-TDA7253 Datasheet
50Kb / 5P
   8W AMPLIFIER WITH MUTING
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
STMicroelectronics
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com