Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70TPS12PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 70TPS12PBF
Description  Phase Control SCR, 70 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

70TPS12PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  70TPS12PBF Datasheet HTML 1Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 2Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 3Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 4Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 5Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 6Page - Vishay Siliconix 70TPS12PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94391
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Jun-08
5
70TPS..PbF High Voltage Series
Phase Control SCR, 70 A
Vishay High Power Products
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
Fig. 9 - Thermal Impedance ZthJC Characteristics
Instantaneous On-state Voltage (A)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
70TPS.. Series
Tj = 25˚C
Tj = 125˚C
Instantaneous Gate Current (A)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gate pulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
a)Recommended load line for
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
rated di/dt: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 20 V, 65 ohms
tr = 1 µs, tp >= 6 µs
70TPS.. Series
Square Wave Pulse Duration (s)
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
70TPS.. Series


Similar Part No. - 70TPS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70TPS12PBF VISHAY-70TPS12PBF Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
More results

Similar Description - 70TPS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70TPS VISHAY-70TPS Datasheet
97Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
70TPS12PBF VISHAY-70TPS12PBF_10 Datasheet
134Kb / 8P
   Phase Control SCR, 70 A
Revision: 07-Dec-10
70TPS12 VISHAY-70TPS12 Datasheet
112Kb / 7P
   Phase Control SCR, 70 A
Revision: 02-Jun-08
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_V01 Datasheet
166Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 70 A
01-Jan-2022
10TTS08 VISHAY-10TTS08 Datasheet
131Kb / 6P
   Phase Control SCR, 10 A
Revision: 19-Jun-08
12TTS08SPBF VISHAY-12TTS08SPBF Datasheet
139Kb / 7P
   Phase Control SCR, 8 A
Revision: 06-Jun-08
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
   Phase Control SCR, 35 A
Revision: 12-Sep-08
25TTSPBF VISHAY-25TTSPBF Datasheet
152Kb / 7P
   Phase Control SCR, 25 A
Revision: 11-Aug-08
40TPS16PBF VISHAY-40TPS16PBF Datasheet
140Kb / 7P
   Phase Control SCR, 35 A
Revision: 06-Jun-08
10TTS08PBF VISHAY-10TTS08PBF Datasheet
138Kb / 6P
   Phase Control SCR, 10 A
Revision: 26-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com